Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1709 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1709
Description  ISOPLUS??264 DC Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1709 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1709 Datasheet HTML 1Page - Clare, Inc. CPC1709 Datasheet HTML 2Page - Clare, Inc. CPC1709 Datasheet HTML 3Page - Clare, Inc. CPC1709 Datasheet HTML 4Page - Clare, Inc. CPC1709 Datasheet HTML 5Page - Clare, Inc. CPC1709 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
CPC1709
R02
PERFORMANCE DATA*
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
35
30
25
20
15
10
5
0
1.30
1.31
1.32
1.33
1.34
LED Forward Voltage (V)
CPC1709
Typical LED Forward Voltage Drop
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
35
30
25
20
15
10
5
0
0.024
0.026
0.028
0.030
0.032
0.034
CPC1709
Typical On-Resistance Distribution
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
On-Resistance (
Ω)
35
30
25
20
15
10
5
0
6.3
6.8
7.3
8.3
7.8
8.8
Turn-On (ms)
CPC1709
Typical Turn-On Time
(N=50, T
A=25ºC, IL=1ADC, IF=20mA)
0.18
0.22
0.26
0.16
0.20
0.24
Turn-Off (ms)
25
20
15
10
5
0
CPC1709
Typical Turn-Off Time
(N=50, T
A=25ºC, IL=1ADC, IF=20mA)
Temperature (ºC)
0
2040
6080
100
0
5
10
15
20
25
30
35
CPC1709
Maximum Load Current
vs. Temperature with Heat Sink
(I
F=20mA)
1ºC/W
Free Air
10ºC/W
5ºC/W
-40
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1709
Typical Leakage vs. Temperature
at Maximum Rated Voltage
(Measured Across Pins 1 & 2)
-40
84
82
80
78
76
74
72
70
68
-20
0
20
40
60
80
100
CPC1709
Normalized Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
28
24
20
16
12
8
4
0
-20
0
20
40
60
80
100
I
F
= 10mA
I
F
= 20mA
CPC1709
Typical Turn-On vs. Temperature
(I
L=1ADC)
Temperature (ºC)
-40
0.29
0.27
0.25
0.23
0.21
0.19
0.17
0.15
-20
0
20
40
60
80
100
I
F = 20mA
I
F = 10mA
Temperature (ºC)
CPC1709
Typical Turn-Off vs. Temperature
(I
L=1ADC)
CPC1709
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F
=10mA
I
F
=20mA
I
F
=50mA
Temperature (ºC)
LED Forward Current (mA)
0
5
1015202530354045
55
50
45
40
35
30
25
15
10
5
0
50
60
20
CPC1709
Typical Turn-On vs. LED Forward Current
(I
L=1ADC)
LED Forward Current (mA)
0
5
1015202530354045
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
50
CPC1709
Typical Turn-Off vs. LED Forward Current
(I
L=1ADC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com