Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1908 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1908
Description  i4-PAC??Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1908 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1908 Datasheet HTML 1Page - Clare, Inc. CPC1908 Datasheet HTML 2Page - Clare, Inc. CPC1908 Datasheet HTML 3Page - Clare, Inc. CPC1908 Datasheet HTML 4Page - Clare, Inc. CPC1908 Datasheet HTML 5Page - Clare, Inc. CPC1908 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
CPC1908
R05
PERFORMANCE DATA*
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
35
30
25
20
15
10
5
0
1.30
1.31
1.32
1.33
1.34
LED Forward Voltage (V)
CPC1908
Typical LED Forward Voltage Drop
(N = 50, T
A = 25ºC, I L = 1ADC, IF = 10mA)
35
30
25
20
15
10
5
0
0.078
0.082
0.086
0.094
0.090
0.098
CPC1908
Typical On-resistance Distribution
(N=50 Ambient Temperature = 25ºC)
(Load Current = 1A
DC; IF = 10mA)
On-resistance (
Ω)
13
17
21
11
15
19
Turn-On (ms)
25
20
15
10
5
0
CPC1908
Typical Turn-On Time
(N=50 Ambient Temperature = 25°C)
(Load Current = 1A
DC; IF = 10mA)
0.13
0.17
0.21
0.11
0.15
0.19
Turn-Off (ms)
25
20
15
10
5
0
CPC1908
Typical Turn-Off Time
(N=50 Ambient Temperature = 25°C)
(Load Current = 1A
DC; IF = 10mA)
CPC1908
Typical Leakage vs. Temperature at
Maximum Rated Voltage
(Measured across Pins 1 & 2)
-40
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1908
Normalized Blocking Voltage vs. Temperature
-40
-20
0
20
40
60
80
100
1.08
1.06
1.04
1.02
1.00
0.98
0.96
0.94
0.92
Temperature (°C)
-40
-20
0
20
40
60
80
100
I
F = 10mA
CPC1908
Typical Turn-On vs. Temperature
(Load Current = 1A
DC)
21
18
15
12
9
6
3
0
Temperature (ºC)
-40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
I
F = 10mA
Temperature (ºC)
CPC1908
Typical Turn-Off vs. Temperature
(Load Current = 1A
DC)
CPC1908
Typical LED Forward Voltage Drop
vs. Temperature
I
F
= 50mA
I
F
= 10mA
I
F
= 20mA
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
Temperature (ºC)
CPC1908
Typical Turn-On vs. LED Forward Current
(Load Current = 1A
DC)
LED Forward Current (mA)
0
5
1015202530354045
50
40
36
32
28
24
20
16
12
4
0
CPC1908
Typical Turn-Off vs. LED Forward Current
(Load Current = 1A
DC)
LED Forward Current (mA)
0
5
1015202530354045
50
0.36
0.32
0.28
0.24
0.20
0.16
0.12
0.08
0.04
0
0
2040
6080
100
0
2
4
6
8
10
12
14
16
No Heat Sink
1ºC/W
5ºC/W
10ºC/W
Temperature (ºC)
CPC1908
Maximum Load Current vs.
Temperature with Heat Sink
(I
F=20mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com