Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1908J Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC1908J
Description  i4-PAC??Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1908J Datasheet(HTML) 5 Page - Clare, Inc.

  CPC1908J Datasheet HTML 1Page - Clare, Inc. CPC1908J Datasheet HTML 2Page - Clare, Inc. CPC1908J Datasheet HTML 3Page - Clare, Inc. CPC1908J Datasheet HTML 4Page - Clare, Inc. CPC1908J Datasheet HTML 5Page - Clare, Inc. CPC1908J Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CPC1908
www.clare.com
5
R05
PERFORMANCE DATA*
CPC1908
Typical On-resistance vs. Temperature
(Load Current = 1A
DC)
-40
-20
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
020406080100
I
F = 10mA
Temperature (ºC)
CPC1908
Typical On-resistance vs. Temperature
(Load Current = max rated)
-40
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
-20
0
20
40
60
80
100
I
F
= 10mA
Temperature (ºC)
CPC1908
Typical I
F for Switch Operation
vs. Temperature
(Load Current = 1A
DC)
-40
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
-20
0
20
40
60
80
100
Temperature (ºC)
Load Voltage (V)
-0.33
-0.22
-0.11
0.11
0.22
0
0.33
5
4
3
2
1
0
-1
-2
-3
-4
-5
CPC1908
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25ºC)
(I
F = 10mA)
CPC1908
Energy Rating Curve
(Free air, no heat sink)
Time
25
20
15
10
5
0
1ms
100µs
10µs
100ms
10s
10ms
1s
100s
30
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com