Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1909 Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1909
Description  ISOPLUS??264 Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1909 Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1909 Datasheet HTML 1Page - Clare, Inc. CPC1909 Datasheet HTML 2Page - Clare, Inc. CPC1909 Datasheet HTML 3Page - Clare, Inc. CPC1909 Datasheet HTML 4Page - Clare, Inc. CPC1909 Datasheet HTML 5Page - Clare, Inc. CPC1909 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
2
CPC1909
R03
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings
Parameter
Ratings
Units
Blocking Voltage
60
V
P
Reverse Input Voltage
5
V
Input Control Current
100
mA
Peak (10ms)
1
A
Input Power Dissipation
150
mW
Isolation voltage Input to Output
2500
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
Electrical absolute maximum ratings are at 25°C
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics,
T
A = 25°C
Load Current 1
I
L
Peak
t
≤ 10ms
--
25
A
P
Continuous
No Heat Sink
6.5
A
rms
Continuous
T
C=25°C
15
Continuous
T
C=99°C
I
L(99)
7.85
On-Resistance 2
I
F=10mA, IL=1A
R
ON
-
0.05
0.1
Ω
Off-State Leakage Current
V
L=60V
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=20mA, VL=10V
T
ON
-15
25
ms
Turn-Off
T
OFF
-
0.3
10
Output Capacitance
V=25V, f=1MHz
C
OUT
-
4000
-
pF
Input Characteristics,
T
A = 25°C
Input Control Current 3
I
L=1A
I
F
-
-
10
mA
Input Dropout Current
-
I
F
0.6
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics,
T
A = 25°C
Capacitance Input to Output
-
C
I/O
-1
-
pF
1
Proper heat sinking required for maximum continuous load current.
2
Measurement taken within 1 second of on time.
3
For applications requiring high temperature operation (T
C > 60°C) an LED drive current of 20mA is recommended.
Electrical Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com