Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1978J Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1978J
Description  i4-PAC??Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1978J Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1978J Datasheet HTML 1Page - Clare, Inc. CPC1978J Datasheet HTML 2Page - Clare, Inc. CPC1978J Datasheet HTML 3Page - Clare, Inc. CPC1978J Datasheet HTML 4Page - Clare, Inc. CPC1978J Datasheet HTML 5Page - Clare, Inc. CPC1978J Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CPC1978
i4-PAC™ Power Relay
www.clare.com
DS-CPC1978-R04
1
e3
RoHS
2002/95/EC
Applications
Features
Description
Ordering Information
Parameter
Rating
Units
Blocking Voltage
800
V
P
Load Current, T
A=25ºC
A
rms
With 5°C/W Heat Sink
1.85
No Heat Sink
0.75
On-resistance
2.3
Ω
RθJC
0.35
°C/W
Pin Configuration
Part Number
Description
CPC1978J
i4-PAC 25 per tube
Switching Characteristics of
Normally Open (Form A) Devices
Clare and IXYS have combined to bring OptoMOS®
technology, reliability and compact size to a new
family of high power solid state relays.
As part of this family, the CPC1978 single pole
normally open (1-Form-A) solid state power relay is
rated for up to 1.85A
rms continuous load current with
a 5ºC/W heat sink.
The CPC1978 employs optically coupled MOSFET
technology to provide 2500V
rms of input to output
isolation. The output is constructed with efficient
MOSFET switches and photovoltaic die that use
Clare’s patented OptoMOS architecture while the
input, a highly efficient GaAlAs infrared LED provides
the optically coupled control. The combination of
low on-resistance and high load current handling
capability makes this relay suitable for a variety of
high performance switching applications.
The unique i4-PAC package pioneered by
IXYS allows solid state relays to achieve the highest
load current and power ratings. This package
features a unique IXYS process where the silicon
chips are soft soldered onto the Direct Copper
Bond (DCB) substrate instead of the traditional
copper leadframe. The DCB ceramic, the same
substrate used in high power modules, not only
provides 2500V
rms isolation but also very low thermal
resistance (0.35 °C/W).
• Compact i4-PAC™ Power Package
• Low Thermal Resistance (0.35 °C/W)
• 1.85A
rms Load Current with 5°C/W Heat Sink
• Electrically Non-conductive Thermal Pad for Heat
Sink Applications
• Low Drive Power Requirements
• Arc-Free With No Snubbing Circuits
• 2500V
rms Input/Output Isolation
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Industrial Controls
• Motor Control
• Robotics
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Transportation Equipment
• Aerospace/Defense
Approvals
• UL recognized component: File # E69938
• Certified to: UL 508
3
-
4
+
12
CONTROL
I
LOAD
10%
90%
TON
TOFF
+
+


Similar Part No. - CPC1978J

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1978J CLARE-CPC1978J Datasheet
236Kb / 5P
i4-PAC??Power Relay
CPC1978J CLARE-CPC1978J Datasheet
910Kb / 7P
i4-PAC??Power Relay
logo
IXYS Corporation
CPC1978J IXYS-CPC1978J Datasheet
201Kb / 7P
Low Drive Power Requirements
CPC1978J IXYS-CPC1978J Datasheet
196Kb / 3P
Power Relay Branding
More results

Similar Description - CPC1978J

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1978J CLARE-CPC1978J Datasheet
236Kb / 5P
i4-PAC??Power Relay
CPC1908 CLARE-CPC1908 Datasheet
151Kb / 6P
i4-PAC??Power Relay
CPC1967 CLARE-CPC1967 Datasheet
145Kb / 6P
i4-PAC??Power Relay
CPC1977 CLARE-CPC1977 Datasheet
145Kb / 6P
i4-PAC??Power Relay
CPC1986 CLARE-CPC1986 Datasheet
139Kb / 6P
i4-PAC??Power Relay
CPC1777 CLARE-CPC1777_10 Datasheet
915Kb / 7P
i4-PAC??DC Power Relay
CPC1908 CLARE-CPC1908_10 Datasheet
886Kb / 7P
i4-PAC??Power Relay
CPC1967 CLARE-CPC1967_11 Datasheet
896Kb / 7P
i4-PAC??Power Relay
CPC1978 CLARE-CPC1978_11 Datasheet
910Kb / 7P
i4-PAC??Power Relay
CPC1986 CLARE-CPC1986_11 Datasheet
888Kb / 7P
i4-PAC??Power Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com