Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1986 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1986
Description  i4-PAC??Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1986 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1986 Datasheet HTML 1Page - Clare, Inc. CPC1986 Datasheet HTML 2Page - Clare, Inc. CPC1986 Datasheet HTML 3Page - Clare, Inc. CPC1986 Datasheet HTML 4Page - Clare, Inc. CPC1986 Datasheet HTML 5Page - Clare, Inc. CPC1986 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
CPC1986
R04
PERFORMANCE DATA*
25
20
15
10
5
0
1.3250
1.3275
1.3300
1.3325
1.3350
LED Forward Voltage (V)
CPC1986
Typical LED Forward Voltage Drop
(N=50, T
A=25ºC, IF=10mA)
25
20
15
10
5
0
2.76
2.78
2.80
2.84
2.82
2.86
On-Resistance (
Ω)
CPC1986
Typical On-Resistance Distribution
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
35
30
25
20
15
10
5
0
1070
1080
1090
1100
1110
1120
Blocking Voltage (V
P)
CPC1986
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
7.5
12.5
17.5
5.0
10.0
15.0
Turn-On (ms)
30
25
20
15
10
5
0
CPC1986
Typical Turn-On Time
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
0.085
0.095
0.105
0.080
0.090
0.100
Turn-Off (ms)
20
15
10
5
0
CPC1986
Typical Turn-Off Time
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
-40
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1986
Typical Leakage vs. Temperature
at Maximum Rated Voltage
(Measured Across Pins 1 & 2)
-40
1180
1160
1140
1120
1100
1080
1060
1040
1020
1000
-20
0
20
40
60
80
100
CPC1986
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
10
9
8
7
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
I
F = 10mA
CPC1986
Typical Turn-On vs. Temperature
(I
L=0.4ADC)
Temperature (ºC)
-40
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
-20
0
20
40
60
80
100
I
F = 10mA
CPC1986
Typical Turn-Off vs. Temperature
(I
L=0.4ADC)
Temperature (ºC)
CPC1986
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F = 50mA
I
F = 20mA
I
F = 10mA
Temperature (ºC)
LED Forward Current (mA)
0
5
1015202530354045
18
16
14
12
10
8
6
4
2
1
0
50
CPC1986
Typical Turn-On vs. LED Forward Current
(I
L=0.4ADC)
Temperature (ºC)
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
CPC1986
Maximum Load Current
vs. Temperature with Heat Sink
(I
F=20mA)
1ºC/W
5ºC/W
10ºC/W
Free Air
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com