Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTH10 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MMBTH10
Description  NPN HIGH FREQUENCY TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBTH10 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MMBTH10 Datasheet HTML 1Page - Pan Jit International Inc. MMBTH10 Datasheet HTML 2Page - Pan Jit International Inc. MMBTH10 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.panjit.com
4/18/2006
Page 2
(T = 25°C, unless otherwise noted)
ELECTRICAL CHARACTERISTICS
J
Parameter
Symbol
Min
Units
Conditions
Typical
Max
Collector-Emitter Breakdown Voltage
Collector-Base Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector Cutoff Current
Emitter Cutoff Current
V(BR)CE0
CB0
I
I EB0
V
= 25 V, I = 0
25
-
-
V
30
-
-
V
V
3.0
-
-
100
nA
--
-
100
nA
-
OFF CHARACTERISTICS
V(BR)CB0
V(BR)EB0
I = 1.0 mA, I = 0
C
B
I = 100 uA, I = 0
C
E
I = 10 uA, I = 0
E
C
CB
E
V
= 2.0 V, I = 0
EB
C
Parameter
Symbol
Min
Units
Conditions
Typical
Max
DC Current Gain
Collector-Emitter Saturation Voltage
Base-Emitter On Voltage
hFE
60
180
-
-
-
-
0.5
V
V
-
-
0.95
ON CHARACTERISTICS
VBE
VCE(sat)
I = 4.0 mA, V
= 10 V
CCE
I = 4.0 mA, I = 0.4 mA
C
B
I = 4.0 mA, V
= 10 V
C
CE
Parameter
Symbol
Min
Units
Conditions
Typical
Max
Collector-Base Capacitance
Common-Base Feedback Capacitance
Collector-Base Time Constant
Ccb
--
0.7
pF
-
-
0.65
pF
ps
-
-
9.0
SMALL-SIGNAL CHARACTERISTICS
rb'Cc
Crb
V
= 10 V, I = 0
CB
E
I = 4.0 mA, V
= 10 V
C
CB
Current Gain - Bandwidth Product
MHz
650
-
-
f T
I = 4.0 mA, V
= 10 V
C
CE
f = 1.0 MHz
f = 1.0 MHz
V
= 10 V, I = 0
E
CB
f = 1.0 MHz
f = 31.8 MHz
MMBTH10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com