Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM335 Datasheet(PDF) 4 Page - DFI Inc

Part # COM335
Description  COM Express® Carrier Board microATX form factor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

COM335 Datasheet(HTML) 4 Page - DFI Inc

  COM335 Datasheet HTML 1Page - DFI Inc COM335 Datasheet HTML 2Page - DFI Inc COM335 Datasheet HTML 3Page - DFI Inc COM335 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © November 20, 2024 DFI Inc.
ORDERING INFORMATION
• 1 COM335 board
• 1 Serial ATA data cable (Length: 500mm)
332-553001-005G
• LPC EXT-RS232 module (4 x RS232 ports)
770-EXTRS1-000G
• LPC EXT-RS485 module (4 x RS485 ports)
770-EXTRS1-100G
• I/O shield
A49-COM332-010G
PACKING LIST
OPTIONAL ITEMS
Model Name
Part Number
GbE
USB 3.1
USB 2.0
Power
Thermal
Temp.
COM335
770-CM3351-000G
1
3
4
ATX/AT
Active
0 to 60°C
GRAPHICS
Display
1 x VGA
1 x LVDS/eDP (eDP available upon request)
3 x DP
1 x eDP/LVDS (LVDS available upon request)
EXPANSION
Interface
1 x PCIe x16
1 x PCIe x4
3 x PCIe x1
1 x M.2 B Key 3042/3052
1 x SDIO
AUDIO
Audio Codec
Realtek ALC888S-VD2-GR
I/O
Ethernet
1 x GbE (RJ-45)
USB
3 x USB 3.1 (Gen 2)
4 x USB 2.0
Display
3 x DP
Audio
1 x Line-in
1 x Line-out
1 x Mic-in
INTERNAL I/O
Serial
1 x Serial Interface Connector (TX/RX)
Display
1 x VGA (2.54mm)
1 x LVDS LCD Panel Connector
1 x LCD/Inverter Power
1 x eDP LCD Panel Connector
Audio
1 x Audio (Line-out/Mic-in)
1 x S/PDIF
SATA
4 x SATA 3.0 (up to 6Gb/s)
DIO
1 x 8-bit DIO
LPC
1 x LPC
SMBus
1 x SMBus
POWER
Type
12V, 5VSB, VCC_RTC (ATX mode)
12V, VCC_RTC (AT mode)
Connector
2x 4-pin power connector
8.5V-20V DC-in jack
RTC Battery
CR2032 Coin Cell
ENVIRONMENT
Temperature
Operating: 0 to 60°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
495,767 hrs @ 25C; 284,320 hrs @ 45C; 181,227 hrs @ 60C;
133,598 hrs @ 70C; 84,828 hrs @ 85C
Calculation Model: Telcordia Issue 2, Method Case 3
Environment: GB, GC – Ground Benign, Controlled
MECHANICAL
Dimensions
microATX Form Factor
244mm (9.6") x 244mm (9.6")
Compliance
PICMG COM Express® R3.1, Type 6 & Type 10
Compact, Mini Module
CERTIFICATIONS
Certifications
CE, FCC, RoHS
SPECIFICATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com