Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5949 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5949
Description  Transistor Silicon NPN Triple Diffused Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5949 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5949 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5949 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5949 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5949 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5949
2006-11-16
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type
2SC5949
Power Amplifier Applications
• Complementary to 2SA2121
• Recommended for audio frequency amplifier output stage.
Absolute Maximum Ratings (Tc = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
200
V
Collector-emitter voltage
VCEO
200
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
15
A
Base current
IB
1.5
A
Collector power dissipation
PC
220
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and Methods) and
individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-21F1A
Weight: 9.75 g (typ.)


Similar Part No. - 2SC5949

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5949 TOSHIBA-2SC5949 Datasheet
134Kb / 4P
Power Amplifier Applications
logo
Inchange Semiconductor ...
2SC5949 ISC-2SC5949 Datasheet
208Kb / 2P
High Current Capability
logo
Toshiba Semiconductor
2SC5949 TOSHIBA-2SC5949 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC5949-O TOSHIBA-2SC5949-O Datasheet
134Kb / 4P
Power Amplifier Applications
More results

Similar Description - 2SC5949

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5446 TOSHIBA-2SC5446 Datasheet
243Kb / 5P
Transistor Silicon NPN Triple Diffused Mesa Type
2SD2449 TOSHIBA-2SD2449 Datasheet
137Kb / 2P
TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE
logo
List of Unclassifed Man...
2SC3043 ETC-2SC3043 Datasheet
53Kb / 1P
NPN Triple Diffused Planar Type Silicon Transistor
logo
Sanyo Semicon Device
2SC3483 SANYO-2SC3483 Datasheet
37Kb / 1P
NPN Triple Diffused Planar Type Silicon Transistor
logo
GTM CORPORATION
GE13005 GTM-GE13005 Datasheet
327Kb / 3P
NPN SILICON TRIPLE DIFFUSED MESA TYPE TRANSISTOR
logo
Guangdong Kexin Industr...
2SC4616 KEXIN-2SC4616 Datasheet
44Kb / 2P
Silicon NPN Triple Diffused Type Transistor
2SC4615 KEXIN-2SC4615 Datasheet
45Kb / 2P
Silicon NPN Triple Diffused Type Transistor
2SB1409S KEXIN-2SB1409S Datasheet
40Kb / 1P
Silicon NPN Triple Diffused Type Transistor
logo
Toshiba Semiconductor
TTC0001 TOSHIBA-TTC0001 Datasheet
186Kb / 5P
Transistor Silicon NPN Triple Diffused Type
TTC0002 TOSHIBA-TTC0002 Datasheet
194Kb / 5P
Transistor Silicon NPN Triple Diffused Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com