Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3654 Datasheet(PDF) 1 Page - ams AG

Part # AS3654
Description  Power Management Unit with 18 Bit Audio DAC Headphone Amplifier, DCDC Charger, 3 Buck DCDCs, 3 Boost DCDCs, 5 LDOs, Current Sinks, ADC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3654 Datasheet(HTML) 1 Page - ams AG

  AS3654 Datasheet HTML 1Page - ams AG AS3654 Datasheet HTML 2Page - ams AG AS3654 Datasheet HTML 3Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AS3654
austriami crosyst ems
Product Brief, Confidential
www.austriamicrosystems.com (ptr)
Revision 1.2.1 / 20060613
1 - 3
1
General Description
The AS3654 is a highly integrated solution for
power supply generation and monitoring, battery
management including charging. It is controlled via
a serial control interface and integrates all
necessary system specific functions such as clock,
reset and interrupt generation, voltage and
temperature monitoring.
2
Key Features
System Control
−
Serial Control Interface
−
On/Off Control Module
−
Reset Generation for system controller
−
Programmable Interrupt Controller
−
Watchdog
−
Low power off mode (9µA; 2.5V LDO on)
Supply Voltage Generation
−
1 RF Programmable Low Noise LDOs
(400mA)
−
1 RF Programmable Low Noise LDOs
(150mA)2 RF Programmable Low Noise
LDOs (150mA)
−
2 Programmable Digital Low Power LDOs
(200mA)
−
2 General Purpose PWM DC/DC step up
converter with two programmable current
sinks (e.g. for white led)
−
3 General Purpose high efficiency DC/DC
step down converter
−
1 Low noise charge pump with 5V output
voltage
−
1 Ultra Low Power 2.5V LDO (always on)
Current sinks
−
4 programmable(6-bit) from 0.625 to 40mA
optional useable as GPIOs
−
3 programmable high voltage (15V) (6-bit)
from 0.625 to 40mA
−
internal PWM generator
10-bit Successive Approximation ADC
−
40µs conversation time
Battery Management
−
Full featured chemistry independent step
down charger with included Gas Gauge and
Current limitation
−
0.2 Ω Battery switch for start-up during
trickle charging
−
Integrated USB charger up to 400mA
Power Management Features
−
Wide Battery Supply Range 3.0…5.5V
−
On-Chip Bandgap Tuning for High
Accuracy (±1%)
−
Current protection
−
Thermal Protection with internal
temperature sensor
Audio
−
18 Bit Audio DAC
−
Two Digital Audio Inputs (I2S interface)
−
2.9V low Noise LDO for Audio DAC
−
Headphone Amplifier Output with GND
separation
−
GND Buffer for Headphone Amplifier
−
Line/ Headphone output with GND
separation
Programmable System clock
−
1.6 MHz to 2.3 MHz with 100 kHz steps
Package
−
BGA100 9x9mm, 0.8mm pitch
3
Application
Power Management Unit
1 Cell Li+ or 3 Cell NiMH powered devices
Car battery powered systems with and without
internal battery
Product Brief, Confidential
AS3654
Power Management Unit with 18 Bit Audio DAC + Headphone
Amplifier, DCDC Charger, 3 Buck DCDCs, 3 Boost DCDCs, 5 LDOs,
Current Sinks, ADC


Similar Part No. - AS3654

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
Power Management Unit for Mobile Phones
AS3658 AMSCO-AS3658 Datasheet
148Kb / 3P
Power and Audio Management Unit for Portable Devices
AS3658 AMSCO-AS3658 Datasheet
6Mb / 158P
Power and Audio Management Unit for Portable Devices
AS3658B-BCTP AMSCO-AS3658B-BCTP Datasheet
6Mb / 158P
Power and Audio Management Unit for Portable Devices
AS3658C-BCTP AMSCO-AS3658C-BCTP Datasheet
6Mb / 158P
Power and Audio Management Unit for Portable Devices
More results

Similar Description - AS3654

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711_06 Datasheet
536Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
WM8711BL WOLFSON-WM8711BL_07 Datasheet
499Kb / 43P
Ultra-Small Audio DAC with Headphone Amplifier
WM8711 WOLFSON-WM8711_10 Datasheet
498Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
logo
Texas Instruments
TPS659110 TI1-TPS659110 Datasheet
453Kb / 10P
Power Management Unit with DCDC Controller
logo
Wolfson Microelectronic...
WM8711BL WOLFSON-WM8711BL_11 Datasheet
380Kb / 44P
Ultra-Small Audio DAC with Headphone Amplifier
WM8711L WOLFSON-WM8711L_11 Datasheet
445Kb / 44P
Internet Audio DAC with Integrated Headphone Amplifier
logo
Cirrus Logic
WM8711BL CIRRUS-WM8711BL Datasheet
380Kb / 44P
Ultra-Small Audio DAC with Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
Low Power Stereo Audio DAC With Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com