Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1864 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1864
Description  關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1864 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1864 Datasheet HTML 6Page - Linear Technology LTC1864 Datasheet HTML 7Page - Linear Technology LTC1864 Datasheet HTML 8Page - Linear Technology LTC1864 Datasheet HTML 9Page - Linear Technology LTC1864 Datasheet HTML 10Page - Linear Technology LTC1864 Datasheet HTML 11Page - Linear Technology LTC1864 Datasheet HTML 12Page - Linear Technology LTC1864 Datasheet HTML 13Page - Linear Technology LTC1864 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC1864/LTC1865
sn18645 18645fs
LTC1865 OPERATION
Operating Sequence
The LTC1865 conversion cycle begins with the rising edge
of CONV. After a period equal to tCONV, the conversion is
finished. If CONV is left high after this time, the LTC1865
goes into sleep mode drawing only leakage current. The
LTC1865’s 2-bit data word is clocked into the SDI input on
the rising edge of SCK after CONV goes low. Additional
inputs on the SDI pin are then ignored until the next CONV
cycle. The shift clock (SCK) synchronizes the data transfer
with each bit being transmitted on the falling SCK edge and
captured on the rising SCK edge in both transmitting and
receiving systems. The data is transmitted and received
simultaneously (full duplex). After completing the data
transfer, if further SCK clocks are applied with CONV low,
SDO will output zeros indefinitely. See Figure 4.
Analog Inputs
The two bits of the input word (SDI) assign the MUX
configuration for the next requested conversion. For a
given channel selection, the converter will measure the
voltage between the two channels indicated by the “+”
and “–” signs in the selected row of the following table. In
CONV
SDI
SCK
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
SDO
B15 B14
B12
B10
B8
B6
B4
B2
B0*
Hi-Z
B13
B11
B9
B7
B5
B3
B1
S/D O/S
DON’T CARE
DON’T CARE
tCONV
1864 F04
SLEEP MODE
*AFTER COMPLETING THE DATA TRANSFER, IF FURTHER SCK CLOCKS ARE
APPLIED WITH CONV LOW, THE ADC WILL OUTPUT ZEROS INDEFINITELY
Hi-Z
tSMPL
Figure 4. LTC1865 Operating Sequence
APPLICATIO S I FOR ATIO
MUX ADDRESS
Table 1. Multiplexer Channel Selection
SGL/DIFF
1
1
0
0
ODD/SIGN
0
1
0
1
CHANNEL #
0
+
+
–
1
+
–
+
GND
–
–
1864 TBL1
SINGLE-ENDED
MUX MODE
DIFFERENTIAL
MUX MODE
single-ended mode, all input channels are measured with
respect to GND. A zero code will occur when the “+” input
minus the “–” input equals zero. Full scale occurs when
the “+” input minus the “–” input equals VREF minus
1LSB. See Figure 5. Both the “+” and “–” inputs are
sampled at the same time so common mode noise is
rejected. The input span in the SO-8 package is fixed at
VREF = VCC. If the “–” input in differential mode is
grounded, a rail-to-rail input span will result on the “+”
input.
Reference Input
The reference input of the LTC1865 SO-8 package is
internally tied to VCC. The span of the A/D converter is
therefore equal to VCC. The voltage on the reference input
of the LTC1865 MSOP package defines the span of the
A/D converter. The LTC1865 MSOP package can operate
with reference voltages from 1V to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com