Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1865CMS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1865CMS
Description  關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865CMS Datasheet(HTML) 2 Page - Linear Technology

  LTC1865CMS Datasheet HTML 1Page - Linear Technology LTC1865CMS Datasheet HTML 2Page - Linear Technology LTC1865CMS Datasheet HTML 3Page - Linear Technology LTC1865CMS Datasheet HTML 4Page - Linear Technology LTC1865CMS Datasheet HTML 5Page - Linear Technology LTC1865CMS Datasheet HTML 6Page - Linear Technology LTC1865CMS Datasheet HTML 7Page - Linear Technology LTC1865CMS Datasheet HTML 8Page - Linear Technology LTC1865CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1864/LTC1865
sn18645 18645fs
Operating Temperature Range
LTC1864C/LTC1865C/
LTC1864AC/LTC1865AC ........................ 0°C to 70°C
LTC1864I/LTC1865I/
LTC1864AI/LTC1865AI ..................... – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300°C
Supply Voltage (VCC) ................................................. 7V
Ground Voltage Difference
AGND, DGND LTC1865 MSOP Package ........... ±0.3V
Analog Input ............... (GND – 0.3V) to (VCC + 0.3V)
Digital Input ................................ (GND – 0.3V) to 7V
Digital Output .............. (GND – 0.3V) to (VCC + 0.3V)
Power Dissipation .............................................. 400mW
(Notes 1, 2)
ORDER PART
NUMBER
MS8 PART MARKING
MS PART MARKING
LTHS
LTC1865CMS
LTC1865IMS
LTC1865ACMS
LTC1865AIMS
ORDER PART
NUMBER
LTC1864CMS8
LTC1864IMS8
LTC1864ACMS8
LTC1864AIMS8
LTHQ
TJMAX = 150°C, θJA = 210°C/W
TJMAX = 150°C, θJA = 210°C/W
1
2
3
4
VREF
IN+
IN¯
GND
8
7
6
5
VCC
SCK
SDO
CONV
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
S8 PART MARKING
S8 PART MARKING
1864
1864I
LTC1864CS8
LTC1864IS8
LTC1864ACS8
LTC1864AIS8
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 175°C/W
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VREF
IN+
IN–
GND
VCC
SCK
SDO
CONV
1864A
1864AI
1865
1865I
LTC1865CS8
LTC1865IS8
LTC1865ACS8
LTC1865AIS8
1865A
1865AI
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
CONV
CH0
CH1
GND
VCC
SCK
SDO
SDI
TJMAX = 150°C, θJA = 175°C/W
1
2
3
4
5
CONV
CH0
CH1
AGND
DGND
10
9
8
7
6
VREF
VCC
SCK
SDO
SDI
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
LTC1864/LTC1865
LTC1864A/LTC1865A
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution
●
16
16
Bits
No Missing Codes Resolution
●
14
15
Bits
INL
(Note 3)
●
±8
±6
LSB
Transition Noise
1.1
1.1
LSBRMS
Gain Error
●
±20
±20
mV
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VCC = 5V, VREF = 5V, fSCK = fSCK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
CO VERTER A D
ULTIPLEXER CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com