Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS241020 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CS241020
Description  Fast Recovery Single Diode Module 200 Amperes/1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CS241020 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CS241020 Datasheet HTML 1Page - Powerex Power Semiconductors CS241020 Datasheet HTML 2Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D-18
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CS241020
Fast Recovery Single Diode Module
200 Amperes/1000 Volts
Absolute Maximum Ratings
Characteristics
Symbol
CS241020
Units
Peak Reverse Blocking Voltage
VRRM
1000
Volts
Transient Peak Reverse Blocking Voltage (Non-Repetitive), t < 5ms
VRSM
1100
Volts
DC Reverse Blocking Voltage
VR(DC)
800
Volts
DC Current, TC = 75°C
IFM
200
Amperes
Peak One-Cycle Surge (Non-Repetitive) On-State Current (60Hz)
IF(DC)
2000
Amperes
Peak One-Cycle Surge (Non-Repetitive) On-State Current (50Hz)
IFSM
1825
Amperes
I2t (for Fusing), 8.3 milliseconds
I2t
16500
A2sec
Storage Temperature
TSTG
-40 to 125
°C
Operating Temperature
Tj
-40 to 150
°C
Maximum Mounting Torque M5 Mounting Screw
—
17
in.-lb.
Maximum Mounting Torque M4 Terminal Screw
—
12
in.-lb.
Module Weight (Typical)
—
90
Grams
V Isolation
VRMS
2500
Volts
Electrical and Thermal Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
CS241020
Units
Blocking State Maximums
Forward Leakage Current, Peak
IRRM
Tj = 150°C, VDRM = Rated
40
mA
Conducting State Maximums
Peak On-State Voltage
VFM
IFM = 200A
1.5
Volts
Switching Maximums
Reverse Recovery Time
trr
IFM = 200A, Tj = 150°C
0.8
s
di/dt =-400A/ s, VR = 600V
Reverse Recovery Charge
Qrr
IFM = 200A, Tj = 150°C
80
C
di/dt =-400A/ s, VR = 600V
Thermal Maximums
Thermal Resistance, Junction-to-Case
R (J-C)
Per Module
0.25
°C/Watt
Thermal Resistance, Case-to-Sink (Lubricated)
R (C-S)
Per Module
0.15
°C/Watt
INSTANTANEOUS ON-STATE CURRENT, IFM,
(AMPERES)
MAXIMUM
ON-STATE CHARACTERISTICS
101
102
103
0.4
0.8
1.2
1.6
2.0
2.4
Tj = 25
oC
TIME, t, (SECONDS)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS (JUNCTION-TO-CASE)
100
101
10-3
10-2
10-1
100
0
0.08
0.16
0.24
0.32



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com