Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2046PCBA-41X Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2046PCBA-41X
Description  GENERAL PURPOSE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2046PCBA-41X Datasheet(HTML) 5 Page - RF Micro Devices

  RF2046PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF2046PCBA-41X Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4-177
RF2046
Rev A11 050207
Gain versus Frequency Across Temperature
ICC=35mA
14.0
15.0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
0.0
1000.0
2000.0
3000.0
4000.0
5000.0
6000.0
Frequency (MHz)
-40°C
25°C
85°C
Output P1dB versus Frequency Across Temperature
ICC=35mA
10.0
11.0
12.0
13.0
14.0
15.0
0.0
1000.0
2000.0
3000.0
4000.0
5000.0
6000.0
Frequency (MHz)
-40°C
25°C
85°C
Output IP3 versus Frequency Across Temperature
ICC=35mA
22.0
23.0
24.0
25.0
26.0
27.0
0.0
1000.0
2000.0
3000.0
4000.0
5000.0
6000.0
Frequency (MHz)
-40°C
25°C
85°C
Noise Figure versus Frequency Across Temperature
ICC=35mA
1.0
2.0
3.0
4.0
5.0
0.0
1000.0
2000.0
3000.0
4000.0
5000.0
6000.0
Frequency (MHz)
-40°C
25°C
85°C
Input VSWR versus Frequency Across Temperature
ICC=35mA
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0.00
1000.00
2000.00
3000.00
4000.00
5000.00
6000.00
Frequency (MHz)
-40°C
25°C
85°C
Output VSWR versus Frequency Across Temperature
ICC=35mA
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0.00
1000.00
2000.00
3000.00
4000.00
5000.00
6000.00
Frequency (MHz)
-40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com