Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSH136 Datasheet(PDF) 2 Page - Winson Semiconductor Corp.

Part # WSH136
Description  Linear Hall Effect Sensor IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WSH136 Datasheet(HTML) 2 Page - Winson Semiconductor Corp.

  WSH136 Datasheet HTML 1Page - Winson Semiconductor Corp. WSH136 Datasheet HTML 2Page - Winson Semiconductor Corp. WSH136 Datasheet HTML 3Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WSH136
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2007/8/28
Electrical Characteristics:
(T=+25˚C, Vdd=5.0V )
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
Vcc
─
3.0
─
12
V
Supply Current
Isupply
B=0 Guass
─
3.5
6.0
mA
Quiescent Vout
Vout
B=0 Guass
2.35
2.5
2.65
V
Sensitivity
△Vout
B= 0 to ± 500 G
2.8
3.3
3.8
mV/G
Bandwidth
BW
-
23
-
kHz
Vdd=5V
-
±600
-
Measurable Guass
Range
MGR
Vdd=12V
-
±1500
-
Guass
Temperature Drift
△Vout
B=0 Guass
-
-
mV/℃
All output-voltage measurements are made with a voltmeter having an input impedance of at least 100kΩ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com