Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1051 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1051
Description  Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1051 Datasheet(HTML) 2 Page - Linear Technology

  LTC1051_1 Datasheet HTML 1Page - Linear Technology LTC1051_1 Datasheet HTML 2Page - Linear Technology LTC1051_1 Datasheet HTML 3Page - Linear Technology LTC1051_1 Datasheet HTML 4Page - Linear Technology LTC1051_1 Datasheet HTML 5Page - Linear Technology LTC1051_1 Datasheet HTML 6Page - Linear Technology LTC1051_1 Datasheet HTML 7Page - Linear Technology LTC1051_1 Datasheet HTML 8Page - Linear Technology LTC1051_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC1051/LTC1053
2
10513fa
Total Supply Voltage (V+ to V–) ............................ 16.5V
Input Voltage ........................ (V+ + 0.3V) to (V– – 0.3V)
Output Short-Circuit Duration .......................... Indefinite
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±5V unless otherwise noted.
Operating Temperature Range
LTC1051M, LTC1051AM (OBSOLETE) .. –55°C to 125°C
LTC1051C/LTC1053C ......................... – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
OBSOLETE PACKAGE
Consider the N8 Package as an Alternate Source
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
N8 PACKAGE
8-LEAD PDIP
J8 PACKAGE
8-LEAD CERDIP
ORDER PART
NUMBER
LTC1051CN8
LTC1051MJ8
LTC1051CJ8
LTC1051AMJ8
LTC1051ACJ8
ORDER PART
NUMBER
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PDIP
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V –
+IN C
–IN C
OUT C
TJMAX = 150°C, θJA = 65°C/W
LTC1053CN
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO
16
15
14
13
12
11
10
9
NC
NC
OUT A
–IN A
+IN A
V –
NC
NC
NC
NC
V+
OUT B
–IN B
+IN B
NC
NC
TJMAX = 150°C, θJA = 85°C/W
TJMAX = 150°C, θJA = 90°C/W
LTC1051CSW
LTC1053CSW
1
2
3
4
5
6
7
8
9
TOP VIEW
18
17
16
15
14
13
12
11
10
NC
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
NC
OUT D
–IN D
+IN D
V –
+IN C
–IN C
OUT C
NC
SW PACKAGE
18-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 110°C/W
ORDER PART
NUMBER
ORDER PART
NUMBER
ELECTRICAL CHARACTERISTICS
LTC1051/LTC1053
LTC1051A
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input Offset Voltage
±0.5
±5
±0.5
±5
µV
Average Input Offset Drift
●
±0.0
±0.05
±0.0
±0.05
µV/°C
Long Term Offset Drift
50
50
nV/√Mo
Input Bias Current
±15
±65
±15
±50
pA
LTC1051C/LTC1053C
●
±135
±100
pA
Input Offset Current
(All Grades)
±30
±125
±30
±100
pA
●
±175
±150
pA
Input Noise Voltage (Note 2)
RS = 100Ω, DC to 10Hz
1.5
1.5
2
µVP-P
RS = 100Ω, DC to 1Hz
0.4
0.4
µVP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com