Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1863IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1863IGN
Description  12-/16-Bit, 8-Channel 200ksps ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1863IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1863IGN Datasheet HTML 4Page - Linear Technology LTC1863IGN Datasheet HTML 5Page - Linear Technology LTC1863IGN Datasheet HTML 6Page - Linear Technology LTC1863IGN Datasheet HTML 7Page - Linear Technology LTC1863IGN Datasheet HTML 8Page - Linear Technology LTC1863IGN Datasheet HTML 9Page - Linear Technology LTC1863IGN Datasheet HTML 10Page - Linear Technology LTC1863IGN Datasheet HTML 11Page - Linear Technology LTC1863IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC1863/LTC1867
8
18637f
TI I G DIAGRA S
t5 (SDI Setup Time Before SCK↑),
t6 (SDI Hold Time After SCK↑)
50%
50%
t3
0.4V
t7 (SLEEP Mode Wake-Up Time)
t7
SCK
CS/CONV
t8 (BUS Relinquish Time)
t8
CS/CONV
SDO
2.4V
t4 (SDO Valid After CONV↓)
t4
CS/CONV
SDO
2.4V
0.4V
0.4V
t6
2.4V
0.4V
t5
SCK
SDI
2.4V
2.4V
0.4V
2.4V
0.4V
SDO
1867 TD
SLEEP BIT (SLP = 0)
READ-IN
10%
90%
Hi-Z
Hi-Z
t1 (For Short Pulse Mode)
t2 (SDO Valid Before SCK↑),
t3 (SDO Valid Hold Time After SCK↓)
t1
CS/CONV
t2
SCK
50%
50%
Overview
The LTC1863/LTC1867 are complete, low power multi-
plexed ADCs. They consist of a 12-/16-bit, 200ksps ca-
pacitive successive approximation A/D converter, a preci-
sion internal reference, a configurable 8-channel analog
input multiplexer (MUX) and a serial port for data transfer.
Conversions are started by a rising edge on the CS/CONV
input. Once a conversion cycle has begun, it cannot be
restarted. Between conversions, the ADCs receive an input
word for channel selection and output the conversion
result, and the analog input is acquired in preparation for
the next conversion. In the acquire phase, a minimum time
of 1.5
µs will provide enough time for the sample-and-hold
capacitors to acquire the analog signal.
During the conversion, the internal differential 16-bit
capacitive DAC output is sequenced by the SAR from the
most significant bit (MSB) to the least significant bit
(LSB). The input is sucessively compared with the binary
weighted charges supplied by the differential capacitive
DAC. Bit decisions are made by a low-power, differential
comparator. At the end of a conversion, the DAC output
balances the analog input. The SAR contents (a 12-/16-bit
data word) that represent the analog input are loaded into
the 12-/16-bit output latches.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com