Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1867IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1867IGN
Description  12-/16-Bit, 8-Channel 200ksps ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1867IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1867IGN Datasheet HTML 7Page - Linear Technology LTC1867IGN Datasheet HTML 8Page - Linear Technology LTC1867IGN Datasheet HTML 9Page - Linear Technology LTC1867IGN Datasheet HTML 10Page - Linear Technology LTC1867IGN Datasheet HTML 11Page - Linear Technology LTC1867IGN Datasheet HTML 12Page - Linear Technology LTC1867IGN Datasheet HTML 13Page - Linear Technology LTC1867IGN Datasheet HTML 14Page - Linear Technology LTC1867IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC1863/LTC1867
11
18637f
DC Performance
One way of measuring the transition noise associated with
a high resolution ADC is to use a technique where a DC
signal is applied to the input of the ADC and the resulting
output codes are collected over a large number of conver-
sions. For example, in Figure 2 the distribution of output
codes is shown for a DC input that had been digitized 4096
times. The distribution is Gaussian and the RMS code
transition noise is about 0.74LSB.
APPLICATIO S I FOR ATIO
1867 F01a
CH0
GND
LTC1863/
LTC1867
REFCOMP
2000pF
10
µF
50
Ω
ANALOG
INPUT
1000pF
1867 F01b
CH0
CH1
LTC1863/
LTC1867
REFCOMP
1000pF
1000pF
10
µF
50
Ω
50
Ω
DIFFERENTIAL
ANALOG
INPUTS
Figure 1a. Optional RC Input Filtering for Single-Ended Input
Figure 1b. Optional RC Input Filtering for Differential Inputs
Figure 2. LTC1867 Histogram for 4096 Conversions
Dynamic Performance
FFT (Fast Fourier Transform) test techniques are used to
test the ADC’s frequency response, distortion and noise at
the rated throughput. By applying a low distortion sine
wave and analyzing the digital output using an FFT algo-
rithm, the ADC’s spectral content can be examined for
frequencies outside the fundamental.
Signal-to-Noise Ratio
The Signal-to-Noise and Distortion Ratio (SINAD) is the
ratio between the RMS amplitude of the fundamental input
frequency to the RMS amplitude of all other frequency
components at the A/D output. The output is band limited
to frequencies from above DC and below half the sampling
frequency. Figure 3 shows a typical SINAD of 87.9dB with
a 200kHz sampling rate and a 1kHz input. When an
external 5V is applied to REFCOMP (tie VREF to GND), a
signal-to-noise ratio of 90dB can be achieved.
CODE
–4
4
18637 GO3
–2
–3
0
–1
3
2
1
2500
2000
1500
1000
500
0
1
26
276
2152
579
122
5
0
935
Figure 3. LTC1867 Nonaveraged 4096 Point FFT Plot
FREQUENCY (kHz)
0
0
–20
–40
–60
–80
–100
–120
–140
75
18637 G04
25
50
100
SNR = 88.8dB
SINAD = 87.9dB
THD = 95dB
fSAMPLE = 200ksps
INTERNAL REFERENCE
Total Harmonic Distortion
Total Harmonic Distortion (THD) is the ratio of the RMS
sum of all harmonics of the input signal to the fundamental
itself. The out-of-band harmonics alias into the frequency
band between DC and half the sampling frequency. THD is
expressed as:
THD
VVV
V
V
N
=
++
+
20
2
2
3
2
4
22
1
log
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com