Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSOT05 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # PJSOT05
Description  SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSOT05 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  PJSOT05 Datasheet HTML 1Page - Pan Jit International Inc. PJSOT05 Datasheet HTML 2Page - Pan Jit International Inc. PJSOT05 Datasheet HTML 3Page - Pan Jit International Inc. PJSOT05 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PJSOT SERIES
PACKAGE AND SUGGESTED PAD LAYOUT
www.panjit.com
6/16/2006
Page 4
© Copyright PanJit International, Inc 2006
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are
subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for
any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any
license under its patent rights or rights of others.
TVS
Marking Code
PJSOT05
2A
PJSOT12
4A
PJSOT15
5A
PJSOT24
6A
PJSOT36
SA
PJSOT05C
2AC
PJSOT12C
4AC
PJSOT15C
5AC
PJSOT24C
6AC
PJSOT36C
SAC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com