Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSOT24 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJSOT24
Description  SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSOT24 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJSOT24 Datasheet HTML 1Page - Pan Jit International Inc. PJSOT24 Datasheet HTML 2Page - Pan Jit International Inc. PJSOT24 Datasheet HTML 3Page - Pan Jit International Inc. PJSOT24 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PJSOT SERIES
SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
SPECIFICATION FEATURES
APPLICATIONS
This Single and Dual Transient Protector has been designed to protect
Sensitive Equipment against ESD and prevent Latch-Up events. The single
unidirectional and the dual used as bi-directional devices protect up to two
data lines in a single package giving the advantage of board space savings
where this is a premium.
Industry Standard SOT23 Package
Maximum Leakage Current of 5µA
Data Transmission Line Ports
Computer Monitor Interface Port Protection
Portable Consumer Electronics
Instrumentation Equipment
1
2
3
1
2
3
MAXIMUM RATINGS
Rating
Symbol
Value
Units
ELECTRICAL CHARACTERISTICS
Tj = 25°C
Parameter
Symbol
Min
Units
Conditions
Typical
Max
Reverse Stand-Off Voltage
Reverse Breakdown Voltage
Reverse Leakage Current
Clamping Voltage (8/20µs)
Off State Capacitance (Unidirectional)
VWRM
VBR
I R
c
V
Cj
BR
I
=
R
V
=
I
=
pp
0 Vdc Bias f = 1MHz
5V
6V
µA
5
10
V
550
pF
A
30
1mA
5V
20A
500
>25
-55 to +150
-55 to +150
260
W
kV
°C
°C
°C
Peak Pulse Power
8/20µs Waveform
ESD Voltage (HBM)
Operating Temperature Range
Storage Temperature Range
Ppp
V ESD
TJ
Tstg
6/16/2006
Page
1
www.panjit.com
Maximum Peak Pulse Current
pp
I
Lead Soldering Temperature (max. 10 s)
TL
8/20 µs Waveform
Working Peak Reverse Voltage Range - 5V to 36V
IEC61000-4-2 Compliance 15kV Air, 8kV Contact Discharge
PJSOT05, PJSOT05C (Bi-directional)
SOT23
3
2
1
2
1
2
1
2
1
3
SOT23
3
2
1
2
1
3
2
1
2
1
2
1
2
1
3
2
1
2
1
3
Unidirectional
Bi-directional
Off State Capacitance (Bi-directional)
Cj
0 Vdc Bias f = 1MHz
between pin 1 and 2
pF
220
100% Tin Matte Finish (RoHS Compliant)


Similar Part No. - PJSOT24

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSOT24 PANJIT-PJSOT24 Datasheet
109Kb / 3P
SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT24C PANJIT-PJSOT24C Datasheet
109Kb / 3P
SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT24C-02 PANJIT-PJSOT24C-02 Datasheet
99Kb / 3P
STANDARD CAPACITANCE TVS ARRAY
PJSOT24C-03 PANJIT-PJSOT24C-03 Datasheet
102Kb / 3P
STANDARD CAPACITANCE TVS ARRAY
PJSOT24C-05 PANJIT-PJSOT24C-05 Datasheet
100Kb / 3P
STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - PJSOT24

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJMBZ5V6 PANJIT-PJMBZ5V6 Datasheet
102Kb / 5P
DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15VD PANJIT-PJMBZ15VD Datasheet
42Kb / 2P
DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJSOT05 PANJIT-PJSOT05_05 Datasheet
109Kb / 3P
SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6 PANJIT-PJMBZ5V6_10 Datasheet
116Kb / 4P
DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15V PANJIT-PJMBZ15V Datasheet
95Kb / 3P
DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15V-AU PANJIT-PJMBZ15V-AU Datasheet
223Kb / 5P
DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6-AU PANJIT-PJMBZ5V6-AU Datasheet
219Kb / 6P
DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
Unisonic Technologies
SOT05C UTC-SOT05C Datasheet
80Kb / 4P
SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
KEC(Korea Electronics)
PG05MSSMA KEC-PG05MSSMA_15 Datasheet
484Kb / 2P
Single Line TVS Diode for ESD Protection
logo
AiT Semiconductor Inc.
GSOT04C AITSEMI-GSOT04C Datasheet
551Kb / 8P
ESD PROTECTION DUAL TRANSIENT VOLTAGE SUPPRESSORS ARRAY FOR ESD PROTECTION
REV1.2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com