Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS341202 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CS341202
Description  Fast Recovery Single Diode Modules 20 Amperes/600-1200 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CS341202 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CS341202 Datasheet HTML 1Page - Powerex Power Semiconductors CS341202 Datasheet HTML 2Page - Powerex Power Semiconductors CS341202 Datasheet HTML 3Page - Powerex Power Semiconductors CS341202 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D-6
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CS340602, CS341202
Fast Recovery Single Diode Modules
20 Amperes/600-1200 Volts
Absolute Maximum Ratings
Characteristics
Symbol
CS340602
CS341202
Units
Peak Reverse Blocking Voltage
VRRM
600
1200
Volts
Transient Peak Reverse Blocking Voltage (Non-Repetitive), t < 5ms
VRSM
720
1350
Volts
DC Reverse Blocking Voltage
VR(DC)
480
960
Volts
DC Current, TC = 115°C
IF(DC)
20
20
Amperes
Peak One-Cycle Surge (Non-Repetitive) On-State Current (60Hz)
IFSM
400
400
Amperes
Peak One-Cycle Surge (Non-Repetitive) On-State Current (50Hz)
IFSM
365
365
Amperes
I2t (for Fusing), 8.3 milliseconds
I2t
667
667
A2sec
Storage Temperature
TSTG
-40 to 125
-40 to 125
°C
Operating Temperature
Tj
-40 to 150
-40 to 150
°C
Maximum Mounting Torque M4 Mounting Screw
—
12
12
in.-lb.
Module Weight (Typical)
—
25
25
Grams
V Isolation
VRMS
2500
2500
Volts



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com