Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS302R Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PS302R
Description  FAST SWITCHING PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PS302R Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PS302R Datasheet HTML 1Page - Pan Jit International Inc. PS302R Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-JUL.01.2004
FIG.1 FORWARD CURRENT DERATING CURVE
FIG.3 TYPICAL JUNCTION CAPACITANCE
FIG.4 PEAK FORWARD SURGE CURRENT
AMBIENT TEMPERATURE, C
O
REVERSE VOLTAGE, VOLTS
NO. OF CYCLES AT 60Hz
RATING AND CHARACTERISTIC CURVES
3.0
2.0
1.0
0
0
50
100
150
1.5
2.5
0.5
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
.375" (9.5mm) LEAD LENGTH
100
10
1
10
100
1
T=25 C
J
O
FIG.2 TYPICAL FORWARD CHARACTERISTIC
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
FORWARD VOLTAGE,VOLTS
T=25 C
A
O
1
5
10
50
100
1000
500
100
10
50
T= 25 C
J
O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com