Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD3080H Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CSD3080H
Description  Single SCR POW-R-BLOK??Modules 400 Amperes/800 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CSD3080H Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CSD3080H Datasheet HTML 1Page - Powerex Power Semiconductors CSD3080H Datasheet HTML 2Page - Powerex Power Semiconductors CSD3080H Datasheet HTML 3Page - Powerex Power Semiconductors CSD3080H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S-2
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CSD3080H
Single SCR POW-R-BLOK™ Modules
400 Amperes/800 Volts
Absolute Maximum Ratings
Characteristics
Symbol
CSD3080H
Units
Peak Forward Blocking Voltage
VDRM
800
Volts
Transient Peak Forward Blocking Voltage (Non-Repetitive) t < 5ms
VDSM
960
Volts
DC Forward Blocking Voltage
VD(DC)
640
Volts
Peak Reverse Blocking Voltage
VRRM
800
Volts
Transient Peak Reverse Blocking Voltage (Non-Repetitive), t < 5ms
VRSM
960
Volts
DC Reverse Blocking Voltage
VR(DC)
640
Volts
RMS On-State Current
IT(RMS)
620
Amperes
Average On-State Current, TC = 66°C
IT(AV)
400
Amperes
Peak One-Cycle Surge (Non-Repetitive) On-State Current (60Hz)
ITSM
8000
Amperes
Peak One-Cycle Surge (Non-Repetitive) On-State Current (50Hz)
ITSM
7300
Amperes
I2t (for Fusing), 8.3 milliseconds
I2t
267,000
A2sec
Critical Rate-Of-Rise of On-State Current*
di/dt
100
Amperes/ s
Peak Gate Power Dissipation
PGM
10
Watts
Average Gate Power Dissipation
PG(AV)
3
Watts
Peak Forward Gate Voltage
VGFM
10
Volts
Peak Reverse Gate Voltage
VGRM
5.0
Volts
Peak Forward Gate Current
IGFM
4.0
Amperes
Storage Temperature
TSTG
-40 to 125
°C
Operating Temperature
Tj
-40 to 125
°C
Maximum Mounting Torque M5 Mounting Screw
—
17
in.-lb.
Maximum Mounting Torque M8 Terminal Screw
—
72
in.-lb.
Module Weight (Typical)
—
450
Grams
V Isolation
VRMS
2500
Volts
*Tj = 125°C, IG = 1.0A, VD = 1/2 VDRM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com