Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD3160H Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CSD3160H
Description  Single SCR POW-R-BLOK??Modules 400 Amperes/1200-1600 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CSD3160H Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CSD3160H Datasheet HTML 1Page - Powerex Power Semiconductors CSD3160H Datasheet HTML 2Page - Powerex Power Semiconductors CSD3160H Datasheet HTML 3Page - Powerex Power Semiconductors CSD3160H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
S-8
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CSD3120H, CSD3160H
Single SCR POW-R-BLOK™ Modules
400 Amperes/1200-1600 Volts
INSTANTANEOUS ON-STATE CURRENT, ITM,
(AMPERES)
MAXIMUM
ON-STATE CHARACTERISTICS
0.6
101
1.0
1.4
1.8
2.2
2.6
102
103
104
Tj = 125
oC
CYCLES AT 60 HZ
MAXIMUM ALLOWABLE PEAK SURGE
(NON-REPETITIVE) CURRENT
0
101
102
100
2000
4000
6000
8000
10000
INSTANTANEOUS GATE CURRENT, IG, (mA)
TRIGGERING
CHARACTERISTICS
101
102
103
104
10-1
100
101
102
VGT = 3.0V
PG(AV) =
3.0W
IGFM =
4.0A
IGT = 100mA
Tj = 25
oC
PGM = 10W
VGDM = 0.25V
VGFM = 10V
TIME, t, (SECONDS)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS (JUNCTION-TO-CASE)
0
10-3
0.025
0.050
0.075
0.100
0.125
10-2
10-1
100
100
101
MAXIMUM ON-STATE POWER DISSIPATION
(SINUSOIDAL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
0
0
800
360
o
RESISTIVE,
INDUCTIVE
LOAD PER
SINGLE
ELEMENT
200
400
600
100
200
300
400
= 30o
120o
180o
60o
90o
MAXIMUM ALLOWABLE CASE TEMPERATURE
(SINUSOIDAL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
0
130
360
o
RESISTIVE,
INDUCTIVE
LOAD PER
SINGLE
ELEMENT
120
110
100
90
80
70
60
50
100
200
300
400
= 30o
120o
60o
90o
180o
MAXIMUM AVERAGE ON-STATE POWER
DISSIPATION (RECTANGULAR WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
0
360
o
RESISTIVE, INDUCTIVE LOAD
PER SINGLE ELEMENT
800
200
800
400
600
600
400
200
0
120o
180o
270o
= 30o
60o
90o
DC
50
MAXIMUM ALLOWABLE CASE TEMPERATURE
(RECTANGULAR WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
0
60
70
80
90
100
110
120
130
360
o
RESISTIVE,
INDUCTIVE
LOAD PER
SINGLE
ELEMENT
200
400
600
800
120o
270o
DC
180o
90o
= 30o
60o



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com