Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE-XXYYV-RUBYCON Datasheet(PDF) 2 Page - AG Electronica

Part # CE-XXYYV-RUBYCON
Description  CAPACITORES ELECTROLÍTICOS DE ALUMINIO CE-XX/YYV-RUBYCON
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

CE-XXYYV-RUBYCON Datasheet(HTML) 2 Page - AG Electronica

  CE-XXYYV-RUBYCON Datasheet HTML 1Page - AG Electronica CE-XXYYV-RUBYCON Datasheet HTML 2Page - AG Electronica CE-XXYYV-RUBYCON Datasheet HTML 3Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.agelectronica.com
http://www.agelectronica.com
Dimensiones (Diagrama)
Multiplicador para Corriente de Ondulación
Estabilidad a baja temperatura
Relación de impedancia (MAX)
Voltaje Nominal
(Vdc)
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
Z(-25°C)/Z(20°C)
5
4
3
2
2
2
2
2
3
3
4
5
5
7
Z(-40°C)/Z(20°C)
12
10
8
5
4
3
3
3
4
4
8
8
10
-
(120Hz)
Ø L
5
6.3
8
10
12.5
16
18
Ø d
0.5
0.6
0.8
F
2.0
2.5
3.5
5.0
7.5
α
Vdc≦100 : α=1.5
Vdc≧160 : α=2.0
2.0
Frecuencia(Hz)
60(50)
120
500
1K
10K≦
Coeficiente
0.47~1μF
0.50
1.00
1.20
1.30
1.50
2.2~4.7μF
0.65
1.00
1.20
1.30
1.50
10~47μF
0.80
1.00
1.20
1.30
1.50
100~1000μF
0.80
1.00
1.10
1.15
1.20
2200~33000μF
0.80
1.00
1.05
1.10
1.15
Cubierta (PET)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com