Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS100 Datasheet(PDF) 1 Page - DFI Inc

Part # CS100
Description  9th/8th Gen Intel® CoreTM Processor Mini-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS100 Datasheet(HTML) 1 Page - DFI Inc

  CS100 Datasheet HTML 1Page - DFI Inc CS100 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS100
-Q370/C246/H310
Mechanical Drawing
Block Diagram
Features
9th/8th Gen Intel® CoreTMProcessor
Mini-ITX
Channel A
2666MHz
Channel B
2666MHz
Audio Jack
(Line-out, Mic-in)
Co-layout
(Jack w/ Line-in)
S/PDIF
Front Audio
USB 3.1 Gen 2
Q370/
C246/
H310
PCIe x16
USB 2.0
DDR4 DIMM 2x
DDR4 DIMM 2x
LGA 1151
DDI
LVDS
ALC888
PCIe x16 1x
PTN3355
DDI
VGA
R.G.B
PCIe x1
GLAN I219LM
Digital I/O 8-bit
SMBus
SPI BIOS
SPI Bus
DDI
DP++
Full Size
Mini PCIe
SATA 3.0
USB 2.0
PCIe x1
Super I/O with WDT
FAN Control
H/W Monitor
Case Open
MDI
LAN 1x
USB 3.1 Gen 2 2x
USB 3.1 Gen 1
USB 2.0
PCIe x1
GLAN i210AT
MDI
LAN 1x
USB 3.1 Gen 1 2x
USB 2.0
LPC
USB 2.0 4x
RS232 2x
SATA 3.0
SATA 3x
LPC
LPC Header
DTPM 2.0 (opt.)
• 2 DDR4 2400/2666MHz SODIMM up to 32GB
• Three independent display: LVDS+VGA+DP++, LVDS+DP++
+DP++, VGA+ DP++ +DP++
• DP++ resolution supports up to 4096x2304 @ 60Hz
• Multiple Expansions:
Q370/C246: 1 PCIe x16 (Gen 3), 1 Full-size Mini PCIe (&
mSATA)
• H310: 1 PCIe x16 (Gen 3), 1 mSATA
• Storage: 3 SATA 3.0
• Rich I/O:
Q370/C246: 2 Intel GbE, 2 COM, 2 USB 3.1 Gen 2, 2 USB 3.1
Gen 1, 4 USB 2.0
H310: 2 Intel GbE, 2 COM, 4 USB 3.1 Gen 1, 4 USB 2.0
DP++
Thin
Mini-ITX
25mm
LAN 1
PCIe x16
DDR4_1
SODIMM
DDR4_2
SODIMM
LAN 2
USB 3.1
Gen 2
LPC
Line-out
System
Fan
Mini PCIe
DIO
Front
Panel
DIO
Power
Mic-in
Intel Core
i7/i5/i3
BAT
4K2K
Display
4096x2304
Model Name
P/N
Memory LVDS VGA DP++ GbE RS-232 USB 3.1 Gen 2 USB 3.1 Gen 1 USB 2.0 SATA
3.0
TPM Thermal Temp.
CS100-H310D
770-CS1002-000G 2 SODIMM 1
1
2
2
2
0
4
4
3
0
Cooler
0 to 60oC
CS100-Q370D
770-CS1002-100G 2 SODIMM 1
1
2
2
2
2
2
4
3
0
Cooler
0 to 60oC
CS100-C246D
770-CS1002-200G 2 SODIMM 1
1
2
2
2
2
2
4
3
0
Cooler
0 to 60oC
CS100-H310D
770-CS1002-300G 2 SODIMM 1
1
2
2
2
0
4
4
3
1
Cooler
0 to 60oC
CS100-Q370DRM 770-CS1002-400G 2 SODIMM 1
1
2
2
2
2
2
4
3
1
Cooler
0 to 60oC
CS100-C246DRM 770-CS1002-500G 2 SODIMM 1
1
2
2
2
2
2
4
3
1
Cooler
0 to 60oC
VGA
LVDS
SATA 3.0
Desktop
USB 3.1
Gen 1
COM
DP++
DP++
USB 2.0
USB 2.0
ATX power
Intel Q370/C246/
H310
DDR4
COM ESD
Protection
air gap ±15kv
CPU Fan
DFI's
Proprietary
Technology
2 Extension Modules for Additional 4 COM Ports
(via the LPC connector)
EXT-RS232
- 4 RS232
EXT-RS485
- 4 RS485
DFI Motherboard
EXT-RS232/RS485
Additional 4 COM
Q370
C246
H310


Similar Part No. - CS100

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS100 CAMPBELL-CS100 Datasheet
423Kb / 2P
Barometric Pressure Sensor
07/01/2020
logo
Power-One
CS1001-7R POWER-ONE-CS1001-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
logo
CUI INC
CS1005B CUI-CS1005B Datasheet
340Kb / 4P
CURRENT SENSOR
CS1005B CUI-CS1005B Datasheet
362Kb / 4P
CURRENT SENSOR
02/19/2020
logo
Same Sky Devices
CS1005B SAMESKY-CS1005B Datasheet
332Kb / 4P
CURRENT SENSOR
09/12/2024
More results

Similar Description - CS100

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CH960-HM370 DFI-CH960-HM370 Datasheet
747Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
ST102-CS DFI-ST102-CS Datasheet
739Kb / 4P
8th/9th Gen Intel Core Processor Desktop Box PC
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
WL051 DFI-WL051 Datasheet
877Kb / 2P
8th Gen Intel Core Processor 2.5" Pico-ITX
logo
Advantech Co., Ltd.
EPC-T4286 ADVANTECH-EPC-T4286 Datasheet
927Kb / 2P
THIN barebone with 8th/9th Gen. Intel® Desktop Core i Processor
26-May-2021
logo
AAEON Technology
MIX-H310A1 AAEON-MIX-H310A1 Datasheet
689Kb / 2P
Mini-ITX with 8th/9th Gen Intel® Core™ Processor Family, Max. 65W TDPs, Giga-LAN x 4
2022/10/31
MIX-Q370A1 AAEON-MIX-Q370A1 Datasheet
670Kb / 2P
Mini-ITX with 8th/9th Gen Intel® Core™ Processor Family, Max. 65W TDPs, Giga-LAN x 4
2022/10/31
logo
BCM Advanced Research.
MX310H BCM-MX310H Datasheet
138Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, ATX-Power
2021/06/11
MX310HD BCM-MX310HD Datasheet
530Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, DC-Power
10/24/2022
MX370QD BCM-MX370QD Datasheet
534Kb / 1P
Intel® Q370 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
04/13/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com