Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS103-H310 Datasheet(PDF) 2 Page - DFI Inc

Part # CS103-H310
Description  9th/8th Gen Intel® CoreTM Processor Thin Mini-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS103-H310 Datasheet(HTML) 2 Page - DFI Inc

  CS103-H310 Datasheet HTML 1Page - DFI Inc CS103-H310 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CS103-H310
Specifications
SYSTEM
Processor
9th Generation Intel® Core™ Processors, LGA 1151 Socket
Intel® Core i7-9700TE Processor (Core 8; Max speed 3.8GHz; TDP 35W)
Intel® Core i5-9500E Processor (Core 6; Max speed 4.2GHz; TDP 65W)
Intel® Core i5-9500TE Processor (Core 6; Max speed 3.6GHz; TDP 35W)
Intel® Core i3-9100E Processor (Core 4; Max speed 3.7GHz; TDP 65W)
Intel® Core i3-9100TE Processor (Core 4; Max speed 3.2GHz; TDP 35W)
8th Generation Intel® Core™ Processors, LGA 1151 Socket
Intel® Core™ i7-8700 Processor (Core 6; Max speed 4.6GHz; TDP 65W)
Intel® Core™ i7-8700T Processor (Core 6; Max speed 4.0GHz; TDP 35W)
Intel® Core™ i5-8500 Processor (Core 6; Max speed 4.1GHz; TDP 65W)
Intel® Core™ i5-8500T Processor (Core 6; Max speed 3.5GHz; TDP 35W)
Intel® Core™ i3-8100 Processor (Core 4; Max speed 3.6GHz; TDP 65W)
Intel® Core™ i3-8100T Processor (Core 4; Max speed 3.1GHz; TDP 35W)
Intel® Pentium G5400 Processor (Core 2; Max speed 3.7GHz; TDP 58W)
Intel® Celeron G4900 Processor (Core 2; Max speed 3.1GHz; TDP 54W)
Intel® Celeron G4900T Processor (Core 2; Max speed 2.9GHz; TDP 35W)
Memory
Two 260-pin SODIMM up to 32GB
Dual Channel DDR4 2666MHz
Chipset
Intel® H310 Chipset
BIOS
AMI SPI 128Mbit
GRAPHICS
Controller
Intel® UHD Graphics 630 (only Pentium G5400, Celeron G4900 support 610 )
Feature
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: AVC/H.264, MPEG2, JPEG, HEVC/H265, VP8, VP9
Display
1 x LVDS
2 x DP++
LVDS: resolution up to 1920x1200 @ 60Hz
DP1.2: resolution up to 4096x2304 @ 60Hz
Dual Displays
DP++ + LVDS, DP++ + DP++
EXPANSION
Interface
1 x PCIe x4 (Gen 3)
2 x DFI proprietary extension bus for PCIe/PCI expansion
1 x M.2 2230 E Key (USB/PCIe)
1 x M.2 2280 M Key (PCIe Gen2 x1)
AUDIO
Audio Codec
Realtek ALC888S-VD2-GR
ETHERNET
Controller
1 x Intel® I219LM PHY (10/100/1000Mbps)
1 x Intel® I211AT PCIe (10/100/1000Mbps)
REAR I/O
Ethernet
2 x GbE (RJ-45)
USB
4 x USB3.1 Gen1
Display
2 x DP++
INTERNAL I/O
Serial
2 x RS-232/422/485 (2.0mm pitch)
2 x RS-232 (2.0mm pitch)
Display
1 x LVDS Connector
USB
4 x USB 2.0 (2.0mm pitch)
Audio
1 x Front Audio (2.0mm pitch)
SATA
2 x SATA 3.0 (up to 6Gb/s)
1 x SATA Power
DIO
1 x 8-bit DIO
SMBus
1 x SMBus
LPC
1 x LPC
WATCHDOG TIMER Output & Interval System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
dTPM 2.0
POWER
Type
9-36V DC-in
Connector
DC-in Jack
Right Angle Connector (4-pin) (available upon request)
Straight Type Connector (4-pin) (available upon request)
RTC Battery
CR2032 Coin Cell
Consumption
Idle: i7-8700 65W: 19V @ 0.61A (11.59W)
Max: i7-8700 65W: 19V @ 5.74A (109.06W)
OS SUPPORT
Microsoft/Linux
Windows 10 IoT Enterprise 64-bit
Linux
ENVIRONMENT
Temperature
Operating: -5 to 65°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
607,574 hrs @ 25°C; 361,791 hrs @ 45°C; 234,097 hrs @ 60°C; 173,560 hrs @ 70°C
Calculation model: Telcordia Issue 4
Environment: GB, GC – Ground Benign, Controlled
MECHANICAL
Dimensions
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Height
PCB: 1.6mm
Top Side: 20mm, Bottom Side: 3mm
CERTIFICATION
CE, FCC, RoHS
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © August 13, 2024 DFI Inc.
Packing List
Optional Items
• 1 CS103 motherboard
• 1 Serial ATA data with power cable (Length: 300mm) A81-002013-000G
• 1 COM port cable (Length: 250mm, 1 x COM ports)
A81-015011-001G
• USB 2.0 port cable (Length: 200mm)
A81-001032-016G
• COM port cable (Length: 250mm, 1 x COM ports)
A81-015011-001G
• Serial ATA data with power cable (Length: 300mm)
A81-002013-000G
• Serial ATA power cable
A81-002044-016G
• I/O shield
A49-CS1031-000G
• I/O shield (Thin Type)
A49-CS1031-100G
• Thermal solution (For 35W, Height: 37.3mm)
A71-103004-000G
• Thermal solution (For 65W, Height: 74.47mm)
A71-101158-000G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com