Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC-1/50V Datasheet(PDF) 3 Page - AG Electronica

Part # CC-1/50V
Description  Ejemplo: CC-.0015/50V Capacitor Cerámico 0.0015uF 50V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

CC-1/50V Datasheet(HTML) 3 Page - AG Electronica

  CC-1/50V Datasheet HTML 1Page - AG Electronica CC-1/50V Datasheet HTML 2Page - AG Electronica CC-1/50V Datasheet HTML 3Page - AG Electronica CC-1/50V Datasheet HTML 4Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
C-33/1000V
33PF
5
2
/
CC-330/10000V
330PF
10
9
/
CC-330/1000V
330PF
5
5
/
CC-39/500V
39PF
5
3
/
CC-39/3000V
39PF
5
5
/
CC-390/1000V
390PF
5
5
/
CC-4.7/50V
4.7PF
4
2
/
CC-47/1000V
47PF
5
5
/
CC-470/1000V
470PF
5
6
CC-5/3000V
5PF
5
6
/
CC-56/1000V
56UF
5
5
/
CC-560/1000V
560PF
5
5
/
CC-6.8/500V
6.8PF
5
5
/
CC-68/1000V
68PF
5
5
/
CC-680/1000V
680PF
5
5
/
CC-8.2/500V
8.2PF
5
5
/
CC-82/1000V
82PF
5
5
/
CC-820/1000V
820PF
5
5
/
CC-220/50V
220PF
4
2.5
/
CC-330/50V
330PF
3.8
2.3
/
CC-47/50V
47PF
3.2
2.5
/
CC-470/50V
470PF
3.5
2.6
/
CC-680/50V
680PF
3.7
2.1
/
Capacitancia Nominal:
Tolerancia (%):



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com