Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS181-H310 Datasheet(PDF) 4 Page - DFI Inc

Part # CS181-H310
Description  9th/8th Gen Intel® CoreTM Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS181-H310 Datasheet(HTML) 4 Page - DFI Inc

  CS181-H310 Datasheet HTML 1Page - DFI Inc CS181-H310 Datasheet HTML 2Page - DFI Inc CS181-H310 Datasheet HTML 3Page - DFI Inc CS181-H310 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
PACKING LIST
OPTIONAL ITEMS
ORDERING INFORMATION
Model Name
P/N
Description
CS181-H310NB
770-CS1811-000G 2 DDR4 SODIMM, 1 DP++/HDMI, 4 DP++ by MXM,4 Intel GbE, 2 COM, 4 USB 3.2 Gen 1, 2 USB 2.0, 2 SATA 3.0, -5 to 65°C
1 CS181 motherboard
1 Serial ATA data with power cable (Length: 300mm)
A81-002013-000G
1 COM port cable (Length: 250mm, 1 COM port)
A81-015011-001G
1 USB port cable (Length: 200mm)
A81-001032-016G
1 I/O shield
A49-CS1811-100G
COM port cable (Length: 250mm, 1 COM port)
A81-015011-001G
Serial ATA data cable (Length: 500mm)
332-553001-005G
Serial ATA power cable (Length: 300mm)
A81-002044-016G
Thermal solution (For 35W, Height: 37.3mm)
A71-103004-000G
Thermal solution (For 65W, Height: 45.3mm)
A71-103005-000G
MXM Quadro P2000 (58W, 0~55°C)
612-EGXMXM-100G
MXM Quadro RTX 3000 (80W, 0~55°C)
612-M3T300-000G
Fan PWR Y-cable for MXM(RTX3000)
(1*3P/2.5mm TO 1*3P/2.54mm to 1*4P/1.25mm,
L=50mm)
A81-009614-016G
RTX3000 MXM COOLER (87 x 106.35 x 34mm)
A71-110100-000G
ENVIRONMENT
Temperature
Operating: -5 to 65°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
538,449 hrs @ 25°C; 324,118 hrs @ 45°C; 213,302 hrs @ 60°C;
Calculation model: Telcordia Issue 4
Environment: GB, GC – Ground Benign, Controlled
MECHANISM
Dimensions
195mm (7.7") x 170mm (6.7")
Height
PCB: 1.6mm
Top Side: 26mm
Bottom Side: 10mm
STANDARD AND
CERTIFICATIONS
Certification
CE, FCC, RoHS
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © October 18, 2024 DFI Inc.
SPECIFICATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com