Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS181-Q370 Datasheet(PDF) 2 Page - DFI Inc

Part # CS181-Q370
Description  9th/8th Gen Intel® CoreTM Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS181-Q370 Datasheet(HTML) 2 Page - DFI Inc

  CS181-Q370 Datasheet HTML 1Page - DFI Inc CS181-Q370 Datasheet HTML 2Page - DFI Inc CS181-Q370 Datasheet HTML 3Page - DFI Inc CS181-Q370 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.dfi.com
MECHANICAL DRAWING
BLOCK DIAGRAM
Q370
Channel A
eDP
PCIe x4
CNVi
USB 2.0
SATA 3.0
SMBus
DDI
HDA
LPC Bus
Internal Audio Jack
(Line-out/Mic in)
RS232 2x
DDR4 2666MHz DIMM
M.2 2280 M key
M.2 2230 E key
SATA 2x
DIO 8-bit
SMBus
TCA6408A
eDP
DP++/HDMI
Realtek
ALC888
Super IO
with WDT
0
4.90
159.84
170
0
4.90
31.33
106.33
136.98
DMI 3.0
LGA 1151
Channel B
DDR4 2666MHz DIMM
PCIe x16
MXM 3.1
DP 2x
DP 2x
USB 3.2 Gen2
USB 2.0
USB 3.2 Gen2 2x
USB 3.2 Gen2
USB 2.0
USB 3.2 Gen2 2x
PCIe x1
LAN 1
GLAN I219LM
MDI
PCIe x1
LAN 2
GLAN I210AT
MDI
PCIe x1
LAN 3
GLAN I210AT
MDI
PCIe x1
GLAN I210AT
MDI
USB 2.0
USB 2.0 2x
LPC
LPC Header
PCIe x1
SPI
TPM 2.0
SPI BIOS
LAN 4
SATA 3.0
PCIe x1
M.2 3052 B key
USB 3.2 Gen1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com