Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC-680/50V Datasheet(PDF) 2 Page - AG Electronica

Part # CC-680/50V
Description  Ejemplo: CC-.0015/50V Capacitor Cerámico 0.0015uF 50V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

CC-680/50V Datasheet(HTML) 2 Page - AG Electronica

  CC-680/50V Datasheet HTML 1Page - AG Electronica CC-680/50V Datasheet HTML 2Page - AG Electronica CC-680/50V Datasheet HTML 3Page - AG Electronica CC-680/50V Datasheet HTML 4Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NÚMERO DE PARTE
CAPACITANC
IA
DIMENSIONES
TENSIÓN
D(mm)
S(mm)
50V
250V
500V
1000V
3000V
10000V
CC-.0015/50V
0.0015UF
4
2
/
CC-.0018/50V
0.0018UF
3
2
/
CC-.0022/1000V
0.0022UF
5
5
/
CC-.0022/250V
0.0022UF
10
8
/
CC-.0022/50V
0.0022UF
3
3
/
CC-.0027/50V
0.0027UF
4
2
/
CC-.0033/1000V
0.0033UF
5
5
/
CC-.0033/50V
0.0033UF
4
2
/
CC-.0039/1000V
0.0039UF
7
5
/
CC-.0047/50V
0.0047UF
4
2
/
CC-.0047/50V-WELSON
0.0047UF
5.2
4.2
/
CC-.0056/50V
0.0056UF
4
3
/
CC-.0068/50V
0.0068UF
4
3
/
CC-.0082/50V
0.0082UF
6
6
/
C-.01/50V
0.010UF
3
2
/
CC-.015/50V
0.015UF
4
3
/
CC-.027/50V
0.027UF
2
2
/
CC-.033/50V
0.033UF
4
2
/
CC-.039/50V
0.039UF
4
2
/
CC-.047/50V
0.047UF
4
2
/
CC-.056/50V
0.056UF
3
/
CC-.068/50V
0.068UF
5
3
/
CC-.082/50V
0.082UF
5
3
/
CC-.1/50V
0.1UF
5
2
/
CC-.15/50V
0.15UF
8
5
/
CC-.22/50V
0.22UF
8
5
/
CC-1/50V
1PF
4
2
/
CC-10/1000V
10PF
5
5
/
CC-100/1000V
100UF
5
5
/
CC-12/50V
12PF
4
2
/
CC-15/1000V
15PF
5
5
/
CC-120/50V
120PF
4
2
/
CC-150/1000V
150PF
5
5
/
CC-180/50V
180PF
4
2
/
CC-20/50V
20PF
4
2
/
C-22/1000V
22PF
5
2
/
CC-27/50V
27PF
4
2
/
CC-220/1000V
220PF
5
5
/
CC-270/50V
270PF
4
2
/
CC-3/3000V
3PF
5
6
/
CC-30/50V
30PF
4
2
/



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com