Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALS174 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74ALS174
Description  Advanced Low Power Schottky Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ALS174 Datasheet(HTML) 2 Page - Silicon Supplies

  74ALS174 Datasheet HTML 1Page - Silicon Supplies 74ALS174 Datasheet HTML 2Page - Silicon Supplies 74ALS174 Datasheet HTML 3Page - Silicon Supplies 74ALS174 Datasheet HTML 4Page - Silicon Supplies 74ALS174 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.siliconsupplies.com
d
Advanced Low Power Schottky Logic - 74ALS174
Rev 1.1
20/01/24
Pad Layout and Functions
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
CLR
0.200
0.435
2
DIE ID
8
9
10
12
13
14
15
11
1Q
0.200
0.240
3
1D
0.600
0.200
4
2D
0.840
0.200
5
2Q
1.130
0.200
6
3D
1.370
0.200
7
3Q
1.770
0.240
8
GND
1.770
0.590
9
CLK
1.770
1.240
10
4Q
1.770
1.435
11
4D
1.370
1.470
12
5Q
1.130
1.470
13
5D
0.840
1.470
14
6D
0.600
1.470
15
6Q
0.200
1.435
16
VCC
0.200
1.120
CONNECT CHIP BACK TO GND
2100µm (82.67 mils)
0,0
Function Table
Logic Diagram
16
7
6
5
4
3
2
1
INPUTS
OUTPUT
CLR
CLK
D
Q
L
X
X
L
H
H
H
H
L
L
H
L
X
Q0
H = High level (steady state)
L = Low level (steady state)
= Low-to-High clock transition
X = Don’t care
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com