Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPCPAF.06002 Datasheet(PDF) 1 Page - Belden Inc.

Part # PPCPAF.06002
Description  PatchPro RJ45 Patch Cord, 10GX, S/FTP LSZH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

PPCPAF.06002 Datasheet(HTML) 1 Page - Belden Inc.

  PPCPAF.06002 Datasheet HTML 1Page - Belden Inc. PPCPAF.06002 Datasheet HTML 2Page - Belden Inc. PPCPAF.06002 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: PPRO PC 10GX STP LSZH
PatchPro RJ45 Patch Cord, 10GX, S/FTP LSZH
Product Description
PatchPro RJ45 Patch Cord, 10GX, S/FTP, 26AWG, LSZH/FRNC with RFID Tag for Intelligent Physical Layer Management (IPLM) System
Technical Specifications
Product Overview
Suitable Applications:
Horizontal and building cabling for Intelligent (RFID based) Patching. Support current and future Category 6a and 6 applications, such as: 10GBase-T (10 Gigabit Ethernet),
1000Base-T (Gigabit Ethernet), 100 Base-T, 10 Base-T, FDDI, ATM
Physical Characteristics (Overall)
Conductor
AWG Stranding Nominal Diameter No. of Pairs
26
Stranded
6.1 mm
4
Total Number of Pairs:
4
Insulation
Material
PE - Polyethylene (Foam)
Inner Shield
Element
Type
Material
Individual Shielded Pair Tape Bi-Laminate (Alum+Poly)
Outer Shield
Type
Material
Coverage [%]
Braid Tinned Copper (TC) 30%
Outer Jacket
Material
Nominal Diameter
LSZH - Low Smoke Zero Halogen (Flame Retardant) 6.1 mm
Wiring Scheme:
T568A/B-T568A/B
Packaging:
Individually packaged in a clear plastic bag.
Connectors
Materials
Description
Material
Type
Plug
Polycarbonate
RJ45
Boot
LSZH
Snagless
Front Connection
Phosphor Bronze with 50u inch Gold over Nickel Plating
Blades
RFID Transponder 13.56 MHz read/write, Factory programmed unique cord ID, According to ISO 15693
Electrical Characteristics
Dielectric Strength:
2.5 kV DC
Current Rating:
1 A


Similar Part No. - PPCPAF.06002

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
PPC ALPHAWIRE-PPC Datasheet
110Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
02/27/2018
logo
Advantech Co., Ltd.
PPC-100 ADVANTECH-PPC-100 Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-100T-BARE ADVANTECH-PPC-100T-BARE Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-100T-BARE-T ADVANTECH-PPC-100T-BARE-T Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-103DC-BBA-TE ADVANTECH-PPC-103DC-BBA-TE Datasheet
360Kb / 2P
10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
More results

Similar Description - PPCPAF.06002

ManufacturerPart #DatasheetDescription
logo
3M Electronics
VOL-6ASFL-L1 3M-VOL-6ASFL-L1 Datasheet
149Kb / 2P
Category 6A S/FTP RJ45 Patch Cables
25-Mar-2010
logo
Assmann Electronics Inc...
A-MCSP-80030-Y ASSMANN-A-MCSP-80030-Y Datasheet
73Kb / 1P
Cat5e FTP Patch cable
A-MCSP-801500R-R ASSMANN-A-MCSP-801500R-R Datasheet
73Kb / 1P
Cat5e FTP Patch cable
A-MCSP-80030-R-AP-R ASSMANN-A-MCSP-80030-R-AP-R Datasheet
101Kb / 1P
Cat5e FTP Patch cable
A-MCSP-80020-Y ASSMANN-A-MCSP-80020-Y Datasheet
73Kb / 1P
Cat5e FTP Patch cable
logo
Belden Inc.
10GXE01 BELDEN-10GXE01 Datasheet
174Kb / 3P
10GX Category 6A Enhanced Cable, 4 Pair, F/FTP, LSZH Indoor CPR Eca
2022 Belden, Inc
10GXE02 BELDEN-10GXE02 Datasheet
171Kb / 3P
10GX Category 6A Enhanced Cable, 4 Pair, S/FTP, LSZH Indoor CPR Eca
2022 Belden, Inc
10GXE03 BELDEN-10GXE03 Datasheet
165Kb / 3P
10GX Category 6A Enhanced Cable, 4 Pair, U/FTP, LSZH Indoor CPR Eca
2022 Belden, Inc
10GXE92 BELDEN-10GXE92 Datasheet
171Kb / 3P
10GX Category 6A Enhanced Cable, 4 Pair, S/FTP, LSZH Indoor CPR Eca IEC60332-3-24
2022 Belden, Inc
10GXV02 BELDEN-10GXV02 Datasheet
170Kb / 3P
DNV GL, Shipboard, 10GX Category 6A Enhanced Cable, 4 Pair, S/FTP,LSZH Indoor CPR Eca
2022 Belden, Inc
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com