Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPCPAF.06005 Datasheet(PDF) 2 Page - Belden Inc.

Part # PPCPAF.06005
Description  PatchPro RJ45 Patch Cord, 10GX, S/FTP LSZH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

PPCPAF.06005 Datasheet(HTML) 2 Page - Belden Inc.

  PPCPAF.06005 Datasheet HTML 1Page - Belden Inc. PPCPAF.06005 Datasheet HTML 2Page - Belden Inc. PPCPAF.06005 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Insulation Resistance:
5000 MOhm*km
Max Contact Resistance:
20 mOhm
Voltage
Voltage Rating [V]
72 V DC
Performance Footnote1:
ISO/IEC 11801-1:2017
Performance Footnote2:
The performance data below 4Mhz or above 500Mhz are for information only.
Temperature Range
Installation Temperature
Range:
0°C To +50°C
Operating Temperature
Range:
-20°C to +60°C
Mechanical Characteristics
Min Bend Radius (Overall
Cable):
25 mm
Plug /Jack Compatibility:
RJ45
Termination Interface
Termination
Connection
Durabilities
RJ45
Mated Connection 750 Cycles
Standards
ISO/IEC Compliance:
ISO/IEC 11801-1
Data Category:
Category 6A
TIA/EIA Compliance:
ISO/IEC 11801-1:2017; EN 50173-1 Amd 1 Caregory 6A; ANSI/TIA/EIA 568 C.2 Category 6A
Applicable Environmental and Other Programs
Environmental Space:
Indoor Rated (Not Riser or Plenum)
Suitability
Suitability - Indoor:
Yes
Related Part Numbers
Related Parts:
PatchPro Connectivity, PPRO PP 1U 24P 10GX JACK STP
Variants
Item #
Color
Length
PPCPAF.00001 Black
1 m
PPCPAF.00002 Black
2 m
PPCPAF.06001 Blue
1 m
PPCPAF.06002 Blue
2 m
PPCPAF.06003 Blue
3 m
PPCPAF.06005 Blue
5 m
PPCPAF.06010 Blue
10 m
PPCPAF.08002 Gray
2 m
PPCPAF.05002 Green
2 m
PPCPAF.05001 Green
1 m
PPCPAF.03002 Orange 2 m
PPCPAF.07002 Purple
2 m
PPCPAF.02002 Red
2 m
PPCPAF.02001 Red
1 m
PPCPAF.09002 White
2 m
PPCPAF.04002 Yellow
2 m
History
Update and Revision:
Revision Number: 0.86 Revision Date: 08-12-2024



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com