Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC123 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74HC123
Description  High Speed CMOS Logic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC123 Datasheet(HTML) 2 Page - Silicon Supplies

  74HC123 Datasheet HTML 1Page - Silicon Supplies 74HC123 Datasheet HTML 2Page - Silicon Supplies 74HC123 Datasheet HTML 3Page - Silicon Supplies 74HC123 Datasheet HTML 4Page - Silicon Supplies 74HC123 Datasheet HTML 5Page - Silicon Supplies 74HC123 Datasheet HTML 6Page - Silicon Supplies 74HC123 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
High Speed CMOS Logic – 74HC123
Rev 1.0
06/10/19
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
1A
0.155
0.525
2
1B
0.155
0.175
3
1R
0.680
0.170
4
1Q
0.815
0.135
5
2Q
1.060
0.130
6
2CX
1.305
0.130
7
2RXCX
1.625
0.135
8
GND
1.625
0.395
9
2A
1.625
0.595
10
2B
1.625
0.955
11
2R
1.165
0.955
12
2Q
0.965
0.995
13
1Q
0.770
0.995
14
1CX
0.415
0.995
15
1RXCX
0.145
0.995
16
VCC
0.155
0.730
CONNECT CHIP BACK TO VCC OR FLOAT
Pad Layout and Functions
Logic Diagram
1900 (74.80 mils)
0,0
Pad 14 = VCC
Pad 7 = GND
Function Table
INPUTS
OUTPUTS
A
B
R
Q
Q
FUNCTION
↓
H
H
OUTPUT ENABLE
X
L
H
L*
H*
INHIBIT
H
X
H
L*
H*
INHIBIT
L
↑
H
OUTPUT ENABLE
L
H
↑
OUTPUT ENABLE
X
X
L
L
H
INHIBIT
H = High level, L = Low level , X = Don’t care,
↑ = High-to-low transition, ↓= Low-to-high transition
= x1 high level output pulse,
= x1 low level output pulse
* If the monostable was triggered before this condition,
pulse will continue as programmed.
9
8
7
6
5
4
3
2
1
16
15
14
13
12
11
DIE ID
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com