Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPL3TSN Datasheet(PDF) 1 Page - Belden Inc.

Part # PPL3TSN
Description  PatchPro 24-Port (48-Fiber) LC OM3 iPLM Ready Term/Splice Panel Set
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

PPL3TSN Datasheet(HTML) 1 Page - Belden Inc.

  PPL3TSN Datasheet HTML 1Page - Belden Inc. PPL3TSN Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: PPL3TSN
PatchPro 24-Port (48-Fiber) LC OM3 iPLM Ready Term/Splice Panel Set
attached with 48 simplex Pigtails and 4 Splice Cassettes
Product Description
PatchPro 24-Port (48-Fiber) LC OM3 iPLM Ready Term/Splice Panel Set attached with 48 simplex Pigtails and 4 Splice Cassettes
Technical Specifications
Product Overview
Environmental Space:
Indoor
Suitable Applications:
Panel for Intelligent Ready (RFID based) Patching. Support current and future applications, such as: 10GBase-T (10 Gigabit Ethernet), 1000Base-T (Gigabit Ethernet), 100
Base-T, 10 Base-T, FDDI, ATM
Construction
Weight:
1.5 kg
Height:
44 mm
Width:
482 mm
Depth:
300 mm
Physical Specifications
Max Capacity:
24 Duplex LC Ports
Mechanical Characteristics
Maximum Insertion Loss:
0.25 dB
Minimum Reflectance:
-28 dB
Front Connection:
Flush
Footprint/Type:
LC
Temperature Range
Operating Temperature Range:
-10°C To +60°C
Installation Temperature Range: -10°C To +60°C
Storage Temperature Range:
-10 to 75°C
Product Material
Materials
Description
Material
Color
Type
Panel drawer and cover - With 4 MPO and 2 cable entry ports
Anodized aluminum
Metal silver color 1.5 mm thick
Panel frontplate (including screws) - LC Front Plate Metal work 2nd generation
Steel, textured powder coated Black (Ral 9005)
1.5 mm thick
Adapters - 24 LC Duplex PC - Mounted
Plastic
Aqua
Pigtails - 48 pigtails
Rainbow color
900 µm
Splice cassettes and cover- 4 cassetes with cover
Plastic
Each cassette holds 12 splices
2 rubber grommets for cable entry, 8 splice holders, 4 MTP dustcaps mounted and 3 twister kits
Standards
TIA/EIA Compliance:
TIA 568-C.3
ISO/IEC Compliance:
ISO/IEC 11801-1:2017


Similar Part No. - PPL3TSN

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
PPL3TSN-H BELDEN-PPL3TSN-H Datasheet
232Kb / 2P
PatchPro 24-Port (48-Fiber) LC OM3 iPLM Ready Term/Splice Panel Set
01-07-2025
More results

Similar Description - PPL3TSN

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N490016LCLC TRIPPLITE-N490016LCLC Datasheet
463Kb / 2P
16-Port Fiber Patch Panel, 1U (LC-LC)
N492036LCLCE TRIPPLITE-N492036LCLCE Datasheet
480Kb / 2P
36-Port Fiber Patch Panel Enclosure, 1U Rack-Mount (LC-LC)
logo
PHOENIX CONTACT
FOC-FDX20-PP-LCD6-OM2-PT9 PHOENIX-FOC-FDX20-PP-LCD6-OM2-PT9 Datasheet
64Kb / 3P
DIN rail splice box, fully mounted ready to splice, for 6x LC duplex (OM2)
FOC-FDX20-PP-LCD6-OM4-PT9 PHOENIX-FOC-FDX20-PP-LCD6-OM4-PT9 Datasheet
102Kb / 8P
DIN rail splice box, fully mounted ready to splice, for 6x LC duplex (OM4)
FOC-FDX20-PP-LCD6-OSP-PT9 PHOENIX-FOC-FDX20-PP-LCD6-OSP-PT9 Datasheet
63Kb / 3P
DIN rail splice box, fully mounted ready to splice, for 6x LC duplex (OS2)
FOC-FDX20-PP-LCQ6-OM2-PT9 PHOENIX-FOC-FDX20-PP-LCQ6-OM2-PT9 Datasheet
65Kb / 3P
DIN rail splice box, fully mounted ready to splice, for 12x LC duplex (OM2)
FOC-FDX20-PP-LCQ6-OM4-PT9 PHOENIX-FOC-FDX20-PP-LCQ6-OM4-PT9 Datasheet
65Kb / 3P
DIN rail splice box, fully mounted ready to splice, for 12x LC duplex (OM4)
FOC-FDX20-PP-LCQ6-OSP-PT9 PHOENIX-FOC-FDX20-PP-LCQ6-OSP-PT9 Datasheet
65Kb / 3P
DIN rail splice box, fully mounted ready to splice, for 12x LC duplex (OS2)
logo
Tripp Lite. All Rights ...
N490-016-LCLC TRIPPLITE-N490-016-LCLC Datasheet
152Kb / 2P
16-Port Fiber Patch Panel, 1U (LC/LC), Multimode or Singlemode
N492-036-LCLC-E TRIPPLITE-N492-036-LCLC-E Datasheet
157Kb / 2P
36-Port Fiber Patch Panel Enclosure, 1U Rack-Mount (LC/LC)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com