Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC86 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74HC86
Description  High Speed CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC86 Datasheet(HTML) 2 Page - Silicon Supplies

  74HC86 Datasheet HTML 1Page - Silicon Supplies 74HC86 Datasheet HTML 2Page - Silicon Supplies 74HC86 Datasheet HTML 3Page - Silicon Supplies 74HC86 Datasheet HTML 4Page - Silicon Supplies 74HC86 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
High Speed CMOS Logic – 74HC86
Rev 1.0
21/11/17
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
A1
0.115
0.495
2
B1
0.115
0.135
3
Y1
0.49
0.125
4
A2
0.78
0.125
5
B2
1.145
0.135
6
Y2
1.145
0.355
7
GND
1.145
0.665
8
Y3
1.145
0.975
9
A3
1.145
1.195
10
B3
0.780
1.205
11
Y4
0.490
1.205
12
A4
0.125
1.195
13
B4
0.115
1.835
14
VCC
0.115
0.665
CONNECT CHIP BACK TO VCC OR FLOAT
Pad Layout and Functions
Logic Diagram
Pad 14 = VCC
Pad 7 = GND
Function Table
INPUTS
OUTPUT
A
B
Y
L
L
H
H
L
H
L
H
L
H
H
L
H = High level (steady state)
L = Low level (steady state)
1450µm (57.09 mils)
0,0
13
12
11
10
9
8
4
3
2
1
DIE ID
7
6
5
14
Y = A ⊕ B
= AB + AB 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com