Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCD-R800 Datasheet(PDF) 18 Page - Sony Corporation

Part # HCD-R800
Description  SERVICE MANUAL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

HCD-R800 Datasheet(HTML) 18 Page - Sony Corporation

Back Button HCD-R800 Datasheet HTML 10Page - Sony Corporation HCD-R800 Datasheet HTML 11Page - Sony Corporation HCD-R800 Datasheet HTML 12Page - Sony Corporation HCD-R800 Datasheet HTML 13Page - Sony Corporation HCD-R800 Datasheet HTML 14Page - Sony Corporation HCD-R800 Datasheet HTML 15Page - Sony Corporation HCD-R800 Datasheet HTML 16Page - Sony Corporation HCD-R800 Datasheet HTML 17Page - Sony Corporation HCD-R800 Datasheet HTML 18Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
– 85 –
– 86 –
8-30. IC BLOCK DIAGRAMS
• CD section
IC101 CXD2545Q
68
67 62 63 64
20 19
C4M
69
C16M
43 PSSL
18
PDO
13
VCO1
12
VCO0
33
PCO
32
FILI
31
FILO
34
CLTV
36
RFAC
38
ASYI
39
ASYO
42
ASYE
73
WFCK
74
SCOR
76
EXCK
75
SBSO
72
EMPH
78
SQCK
77
SQSO
95
MON
94
FSW
96
MDP
97
MDS
26
RFDC
27
TE
28
SE
29
FE
30
25
VC
CLOCK
GENERATOR
ASYMMETRY
CORRECTION
DIGITAL
PLL
VARI-PITCH
(
DOUBLE SPEED)
EFM
DEMODULATOR
TIMING
GENERATOR 1
TIMING
GENERATOR 2
CLV
PROCESSOR
FOCUS SERVO
MIRR
DFCT
FOK DETECTOR
SUBCODE
P-W
PROCESSOR
SUBCODE
Q
PROCESSOR
SERVO
MICRO PROGRAM
INTERFACE
SERVO
AUTO
SEQUENCER
SERIAL
PARALLEL
PROCESSOR
18-TIMES
OVERSAMPLING
FILTER
SWITCH
&
BUFFER
A/D
CONVERTER
SYNC
PROTECTOR
D/A
DATA PROCESSOR
ADDRESS
GENERATOR
PRIORITY
ENCODER
NOISE
SHAPER
MUX
CPU INTERFACE
32K RAM
ERROR CORRECTOR
PEAK DETECTOR
DIGITAL OUT
24
21 40 23 35
41 90 15 65
81
22 37 44 45 66 82 83 84 85 98 99
SRON, SRDR
1, 2
SFON, SFDR
3, 100
DA01-16
61-46
TFDR, TFON
4, 7
TRON, TRDR
5, 6
FFDR, FFON
8, 11
FRON, FRDR
9, 10
16
14
17
TRACKING
SERVO
SLED PWM
GENERATOR
2
TRACKING PWM
GENERATOR
FOCUS PWM
GENERATOR
SLED SERVO
SERVO DSP
PWM GENERATOR
2
2
2
2
2
93 FOK
92 DFCT
91 MIRR
80 SENS
89 COUT
88 CLOK
86 DATA
71 D OUT
79 MUTE
70 MD2
87 XLAT
16
IC102 BA6392FP
BUFF
BUFF
BUFF
BUFF
R
R
F
F
1
CH1 OUT F
2
CH1 OUT R
3
CAPA IN 1
4
CH1 R IN
5
CH1 F IN
6
VREF IN
7
VREF OUT
8
GND
9
CH2 F IN
10
CH2 R IN
11
CAPA IN 2
12
CH2 OUT R
13
CH2 OUT F
14
GND
28 GND
27 CH4 OUT F
26 CH4 OUT R
25 VB IN
24 VS IN
23 VB IN
22 VCC
21 VCC
20 CH3 F IN
19 CH3 R IN
18 CAPA IN 3
17 CH3 OUT R
16 CH3 OUT F
15 MUTE
LEVEL
SHIFT
INTERFACE
BUFF
BUFF
BUFF
BUFF
R
F
R
F
BUFF
INTERFACE
INTERFACE
FF
RR
MUTE
IC103 CXA1821M
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
LD
VCC
VCC
PD
LD ON
A
LC/PD
B
RFE
C
RFO
D
FE
VEE
FE BIAS
F
TE
E
VC
VC
VC BUFFER
TRACKING ERROR AMP
FOCUS ERROR AMP
RF EQ AMP
APC LD AMP
RF SUMMING AMP
EI
EO
VEE
VCC
VCC
VC
VC
VC
VC
VC
VC
VC
VEE
VEE
VEE
VREF
OSCILLATOR
1/2 VCC
AUTO
RESET
LPF1
MAIN
CONTROL
A/D
20KBIT
SRAM
LPF2
D/A
1
2
3
4
5
6
7
8
9
10
14
13
12
11
CLOCK
RESET
MO
MI
D1
DO0
DO1
• MIC/HP section
IC751 M65850FP
2
3
14
1
f04
13 f
12 VCC
11 NC
10 NC
15 f03
5
GND
6
BIAS
C
7
NC
8
NC
9
NC
4
16 f02
17 f01
18 RESET
RESET
C
PREF
LINE
NF
LINE
IN
REFFERENCE
CURRENT
BPF
DET
BPF
DET
BPF
DET
BPF
DET
DET
RESET
Bias
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
17
19
20
21
22
23
24
µ CON
INTER FACE
ROM
OSC
SOUND
MIX
GND
VDD
A-OUT
NAR
NC
BUSY
VPP
RST
CH
SD
SI
I4
NC
XT
XT
NC
CMD
NC
ST
I0
I1
I2
I3
NC
• DISPLAY section
IC603 BA3833F
IC851 MSM6653A-517GS-K
• VIDEO section
IC509 PCM1727E
• Deck section
IC602 uPC1330HA
• CD motor section
IC701 M54641L
IC801 BA6286N
1
2
3
4
5
6
7
8
9
INVERTER
COMPARATER
SW R1
GND
SW P1 CONT
GND
VCC
SW P2 GND
SW R2
1
5
2
7
3
6
4
POWER
AMP.
POWER
AMP.
CONTROL
INPUT
AMP.
INPUT
AMP.
REG
8
VCC
VCC
REFERENCE
OUT2
OUT1
IN1
IN2
GND
1
2
3
4
5
6
7
8
9
10
TSD
CONTROL
LOGIC
PO WER
SAVE
GND
RIN
VREF
OUT2
RNF
GND
VM
VCC
FIN
OUT1
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
POWER
SUPPLY
CLOCK MANAGER
•
DUAL PLL
AUDIO
DATA INPUT
INTERFACE
8 TIME OVER
SAMPLING DIGITAL
FILTER
•
FUNCTION
CONTROL
MODE
CONTROL
MULTI LEVEL
∆Σ
MODULATOR
MULTI LEVEL
∆Σ
MODULATOR
5 LEVEL
DAC
5 LEVEL
DAC
CR LPF
•
OUTPUT
AMP
CR LPF
•
OUTPUT
AMP
BPZ
CONTROL
13
OPEN
XT1
PGND
VCP
NCKO
RSV
SCKO3
ML
MC
MC
RSTB
VOUTR
AGND
VCA
ZERO
BCK
DATA
LRCK
SCKO2
SCKO1
VDD
DGND
XT2
384fs
15
14 VOUTL
CAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com