Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5708 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # S5708
Description  OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

S5708 Datasheet(HTML) 1 Page - Allegro MicroSystems

  S5708 Datasheet HTML 1Page - Allegro MicroSystems S5708 Datasheet HTML 2Page - Allegro MicroSystems S5708 Datasheet HTML 3Page - Allegro MicroSystems S5708 Datasheet HTML 4Page - Allegro MicroSystems S5708 Datasheet HTML 5Page - Allegro MicroSystems S5708 Datasheet HTML 6Page - Allegro MicroSystems S5708 Datasheet HTML 7Page - Allegro MicroSystems S5708 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The STR-G665
3 is specifically designed to satisfy the requirements
for increased integration and reliability in off-line quasi-resonant flyback
converters. This device incorporates the primary control and drive
circuit with a discrete avalanche-rated power MOSFET.
Cycle-by-cycle current limiting, under-voltage lockout with hyster-
esis, over-voltage protection, and thermal shutdown protects the power
supply during the normal overload and fault conditions. Over-voltage
protection and thermal shutdown are latched after a short delay. The
latch may be reset by cycling the input supply. Low-current startup and
a low-power standby mode selected from the secondary circuit completes
a comprehensive suite of features. The device is provided in a five-pin
over-molded TO-220 style package, affording dielectric isolation without
compromising thermal characteristics.
Proven in substantial volumes, the STR-G665
3 is a robust low-risk
solution for off-line power supplies particularly where management of
EMI at the source is a significant element of the system design.
FEATURES
s Quasi-Resonant Operation
s Output Power to
120 W
s Low-Loss, Pulse-Ratio-Control Standby Mode
s Temperature-Compensated Pulse-by-Pulse Over-Current Protection
s Latched Over-Voltage and Thermal Protection
s Under-Voltage Lockout with Hysteresis
s Active Low-Pass Filter for Enhanced Light-Load Stability
s Switched Attenuation of Leading-Edge Current-Sensing Signal
s Regulated Soft Gate Drive
s Adjustable Switching Speed for EMI Control
s Overmolded Five-Pin Package
OFF-LINE QUASI-RESONANT
FLYBACK SWITCHING REGULATOR
Always order by complete part number: STR-G665
3 .
™
STR-G665
3
ABSOLUTE MAXIMUM RATINGS
at T
A = +25°C
Control Supply Voltage, V
IN . . . . . . .
35 V
Drain-Source Voltage, V
DS . . . . . . . .
650 V
Drain Current, I
D
continuous . . . . . . . . . . . . . . . . . .
2.7 A
single-pulse, t
w ≤ 1 ms . . . . . . . .
7.2 A
Avalanche Energy, E
AS
single-pulse . . . . . . . . . . . . . . .
158 mJ
Over-Current Protection Voltage Range,
V
OCP . . . . . . . . . . . . . . .
-0.3 V to +6 V
Insulation RMS Voltage,
V
WM(RMS) . . . . . . . . . . . . . . . . . .
2000 V
Package Power Dissipation, P
D
control (V
IN x IIN(ON)) . . . . . . . . .
0.8 W
total . . . . . . . . . . . . . . . . . . . See Graph
FET Channel Temperature, T
J . . .
+150
°C
Internal Frame Temperature, T
F . .
+125
°C
Operating Temperature Range,
T
A . . . . . . . . . . . . . . .
-20
°C to +125°C
Storage Temperature Range,
T
S . . . . . . . . . . . . . . .
-40
°C to +125°C
Dwg. PK-011
UVLO
OVP
TSD
LATCH
OSC.
FDBK


Similar Part No. - S5708

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S570-1328-00 BEL-S570-1328-00 Datasheet
48Kb / 1P
COMMON MODE CHOKE
logo
Laird Tech Smart Techno...
S5703BH7SMF LSTD-S5703BH7SMF Datasheet
332Kb / 1P
Healthcare facilities
More results

Similar Description - S5708

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-F6600 ALLEGRO-STR-F6600 Datasheet
281Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
STR-G6651 ALLEGRO-STR-G6651 Datasheet
175Kb / 8P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
STRF6626 ALLEGRO-STRF6626 Datasheet
281Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STRF6676 ALLEGRO-STRF6676 Datasheet
282Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STR-W6753 ALLEGRO-STR-W6753 Datasheet
196Kb / 8P
Universal-Input/58 W Off-Line Quasi-Resonant Flyback Switching Regulator
STR-W6754 ALLEGRO-STR-W6754 Datasheet
195Kb / 8P
Universal-Input/100 W Off-Line Quasi-Resonant Flyback Switching Regulator
STR-W6756 ALLEGRO-STR-W6756 Datasheet
194Kb / 8P
Universal-Input/140 W Off-Line Quasi-Resonant Flyback Switching Regulator
logo
AUK corp
SQ6601PT AUK-SQ6601PT Datasheet
421Kb / 8P
Off-Line Quasi-Resonance Flyback Switching Regulator
logo
Allegro MicroSystems
STR-Y6735 ALLEGRO-STR-Y6735 Datasheet
329Kb / 10P
Off-Line Quasi-Resonant Switching Regulator
logo
Sanken electric
STR-Y6735 SANKEN-STR-Y6735 Datasheet
254Kb / 10P
Off-Line Quasi-Resonant Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com