Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT4316 Datasheet(PDF) 13 Page - Princeton Technology Corp

Part # PT4316
Description  Low Power 315/433 MHz OOK/ASK Superheterodyne Receiver with SAW-based Oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4316 Datasheet(HTML) 13 Page - Princeton Technology Corp

Back Button PT4316 Datasheet HTML 9Page - Princeton Technology Corp PT4316 Datasheet HTML 10Page - Princeton Technology Corp PT4316 Datasheet HTML 11Page - Princeton Technology Corp PT4316 Datasheet HTML 12Page - Princeton Technology Corp PT4316 Datasheet HTML 13Page - Princeton Technology Corp PT4316 Datasheet HTML 14Page - Princeton Technology Corp PT4316 Datasheet HTML 15Page - Princeton Technology Corp PT4316 Datasheet HTML 16Page - Princeton Technology Corp PT4316 Datasheet HTML 17Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT4316 V1.6
- 13 -
August, 2007
Low Power 315/433 MHz OOK/ASK Superheterodyne
Receiver with SAW-based Oscillator
PT4316
ANTENNA DESIGN
For a λ/4 dipole antenna and operating frequency,
f (in MHz), the required antenna length, L (in cm),
may be calculated by using the formula
f
L
7132
=
.
For example, if the frequency is 315MHz, then the length of a λ/4 antenna is 22.6cm. If the calculated
antenna length is too long for the application, then it may be reduced to λ/8, λ/16, etc. without
degrading the input return loss. However, the RF input matching circuit may need to be re-optimized.
Note that in general, the shorter the antenna, the worse the receiver sensitivity and the shorter the
detection distance. Usually, when designing a λ/4 dipole antenna, it is better to use a single
conductive wire (diameter about 0.8 mm to 1.6 mm) rather than a multiple core wire.
If the antenna is printed on the PCB, ensure there is neither any component nor ground plane
underneath the antenna on the backside of PCB. For an FR4 PCB (εr = 4.7) and a strip-width of 30mil,
the length of the antenna,
L (in cm), is calculated by
r
f
c
L
ε
×
×
=
4
where “c” is the speed of light (3 x 1010 cm/s)
When the PT4316 is operated in a noisy environment, it is recommended that an external SAW filter be
added between the input matching network and antenna.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com