Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6708 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # S6708
Description  OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

S6708 Datasheet(HTML) 2 Page - Allegro MicroSystems

  S6708 Datasheet HTML 1Page - Allegro MicroSystems S6708 Datasheet HTML 2Page - Allegro MicroSystems S6708 Datasheet HTML 3Page - Allegro MicroSystems S6708 Datasheet HTML 4Page - Allegro MicroSystems S6708 Datasheet HTML 5Page - Allegro MicroSystems S6708 Datasheet HTML 6Page - Allegro MicroSystems S6708 Datasheet HTML 7Page - Allegro MicroSystems S6708 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STR-G665
3
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
™
Copyright © 1999 Allegro MicroSystems, Inc.
FUNCTIONAL BLOCK DIAGRAM
FEEDBACK &
OVER-CURRENT
PROTECTION
GROUND
V
IN
SOURCE
DRAIN
Dwg. FK-002-5
0.73 V
–
–
TSD
OVER-VOLT.
PROTECT
R
SQ
REF.
FAULT
LATCH
4
1
2
1.45 V
UVLO
+
5
+
3
DRIVE
REG.
OSC
ALLOWABLE PACKAGE POWER DISSIPATION
MAXIMUM SAFE OPERATING AREA
30
20
10
20
60
100
1.5 W
140
LIMITED BY FRAME
TEMP. = +125
°C MAX.
FREE AIR
27 W
0
TEMPERATURE in
°C
MOUNTING SURFACE
TEMPERATURE
Dwg. GK-003-4
0.8 W
CONTROLLER
50
5
0.5
0.05
DRAIN-SOURCE VOLTAGE in VOLTS
Dwg. GK-004-5
0.15
1.5
15
3.0
10
30
100
300
NO HEAT SINK
NATURAL COOLING
TA = +25
°C
tw =
1 ms
SINGLE
PULSE
1000
tw =
0.1
ms
SINGLE
PULSE
LIMITED
BY
rDS(on)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com