Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST102 Datasheet(PDF) 3 Page - DFI Inc

Part # ST102
Description  Stand type Chassis for Mini-ITX
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ST102 Datasheet(HTML) 3 Page - DFI Inc

  ST102 Datasheet HTML 1Page - DFI Inc ST102 Datasheet HTML 2Page - DFI Inc ST102 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © November 22, 2024 DFI Inc.
SPECIFICATION
DRIVE BAY
External/Internal
1 x 2.5" SATA Drive Bay
EXPANSION
Interface
N/A
RESERVED I/O HOLES
Front
1 x 2 USB ports
2 x Audio Jack
Rear
N/A
PANEL CONTROL / LED
Buttons
1 x Power Switch
1 x Power LED
1 x HDD LED
COOLING
Fan
1 x 60mm System Fan
POWER
Supply
DC Jack via MB
PHYSICAL
CHARACTERISTICS
Dimensions (W x H x D) 219 x 77.15 x 229.7mm
Weight
TBD
STANDARDS AND
CERTIFICATIONS
Shock
Operating: 3G
Vibration
Operating: 1G



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com