Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPA1206R006-R015 Datasheet(PDF) 5 Page - Littelfuse

Part # WPA1206R006-R015
Description  Two-Terminal Surface Mount Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

WPA1206R006-R015 Datasheet(HTML) 5 Page - Littelfuse

  WPA1206R006-R015 Datasheet HTML 1Page - Littelfuse WPA1206R006-R015 Datasheet HTML 2Page - Littelfuse WPA1206R006-R015 Datasheet HTML 3Page - Littelfuse WPA1206R006-R015 Datasheet HTML 4Page - Littelfuse WPA1206R006-R015 Datasheet HTML 5Page - Littelfuse WPA1206R006-R015 Datasheet HTML 6Page - Littelfuse WPA1206R006-R015 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Current Sense Resistor Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 10/29/24
5
Two-Terminal Surface Mount Resistor
WPA/B/C Series
Test
Procedure
Specifications
ESD
HBM, 100pF, 1.5k ohms Repetition: 5 times
Component Classification: 5C (25KV)
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
Load Life (Operational Life)
Test Temperature: 125°C
Applied voltage: rated power (derated Power will
be required if temp exceeds the derating point of
part)
Test Period: 1,000 hours (condition D)
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
Biased Humidity
Test conditions: 85°C and 85% RH 10% of rated
power
Test Period 1,000 hours
±1.0% Appearance: Without distinct damage,
and the marking shall be legible.
Temp. Cycling (Thermal Shock)
Repeat 1,000 cycles as follows:
-55°C for 30 minutes 125°C for 30 minutes
Transition time of 1 minute max
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
High Temp. Exposure (Storage)
Test Temp 125°C
Test Period: 1,000 hours No Electrical Load
±1.0% Appearance: Without distinct damage,
and the marking shall be legible.
Resistance to soldering heat
Condition B (Solder dip, no pre-heat) 260°C
±1.0% Parts must meet initial electrical specs.
Resistance to Solvents
3 minute soak 2-3 ounce force
10 strokes/repetition
3 repetitions
Appearance: Without distinct damage, and the
marking shall be legible.
Terminal Strength (SMD)
Applied force based on part size
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
Flammability
UL-94
V-0 or V-1 are acceptable
Electrical test not required
V-0 burning less than 10 seconds or
V-1 burning less than 30 seconds
Flame Retardance
Mounted parts subjected to voltages from 9.0 to
32 VDC (current clamped up to 500A)
No Flame when full automotive battery
potential is applied.
Vibration
Frequency: 10-2,000 Hz Acceleration: 5G
Test duration: 20 minutes, 12 cycles
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
Mechanical Shock
Force: 100G peak Test duration: 6 ms Half-sine
waveform Velocity: 12.3ft/sec
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
Board Flex
90 mm span between fulcrums 2 mm bend
60 seconds minimum holding time
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
Solderability
Non-activated flux dip: 5-10 seconds SAC solder
dip: 5 seconds at 245°C
A new solder shall cover minimum of 95%.
Reliability Specifications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com