Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4073B Datasheet(PDF) 4 Page - Silicon Supplies

Part # CD4073B
Description  CMOS High Voltage Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4073B Datasheet(HTML) 4 Page - Silicon Supplies

  CD4073B Datasheet HTML 1Page - Silicon Supplies CD4073B Datasheet HTML 2Page - Silicon Supplies CD4073B Datasheet HTML 3Page - Silicon Supplies CD4073B Datasheet HTML 4Page - Silicon Supplies CD4073B Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
CMOS High Voltage Logic – CD4073B
Rev 1.0
15/03/18
Switching Waveform
Figure 1 – Propagation Delay, Output Timing
5. Not production tested in die form, characterized by chip design and tested in package.
LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
5V
VOL = 0.4V
0.64
0.51
0.36
10V
VOL = 0.5V
1.6
1.3
0.9
Minimum Output
(Sink) Current
IOL
15V
VOL = 1.5V
4.2
3.4
2.4
mA
Maximum Input
Leakage Current
IIN
15V
VIN = VDD or VSS
±0.1
±0.1
±1.0
µA
5V
0.25
0.25
7.5
10V
0.5
0.5
15
Maximum Quiescent
Current
IDD
15V
VIN = VDD or VSS
1.0
1.0
30
µA
 
DC Electrical Characteristics (Voltages referenced to V
SS)
LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
5V
250
250
500
10V
120
120
240
Maximum
Propagation Delay,
Input to Output
(Figure 1)
tPLH, tPHL
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
90
90
180
ns
5V
200
200
400
10V
100
100
200
Maximum Output
Transition Time, Any
Output (Figure 1)
tTLH, tTHL
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
80
80
160
ns
TYPICAL
Maximum Input
Capacitance
CIN
-
TA = 25°C
VIN = 0V
-
5
-
pF
AC Electrical Characteristics5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com