Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4081B Datasheet(PDF) 2 Page - Silicon Supplies

Part # CD4081B
Description  CMOS High Voltage Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4081B Datasheet(HTML) 2 Page - Silicon Supplies

  CD4081B Datasheet HTML 1Page - Silicon Supplies CD4081B Datasheet HTML 2Page - Silicon Supplies CD4081B Datasheet HTML 3Page - Silicon Supplies CD4081B Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
CMOS High Voltage Logic – CD4081B
Rev 1.0
21/11/17
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
A1
0.108
0.640
2
B1
0.108
0.108
3
Y1
0.548
0.108
4
Y2
0.880
0.108
5
A2
1.336
0.108
6
B2
1.336
0.450
7
VSS
1.336
0.650
8
A3
1.336
1.030
9
B3
1.336
1.278
10
Y3
1.064
1.278
11
Y4
0.874
1.278
12
A4
0.549
1.278
13
B4
0.108
1.278
14
VDD
0.108
0.916
CONNECT CHIP BACK TO VDD OR FLOAT
Pad Layout and Functions
Logic Diagram
Pad 14 = VDD
Pad 7 = VSS
Truth Table
INPUTS
OUTPUT
A
B
Y
L
L
H
H
L
H
L
H
L
L
L
H
H = High level (steady state)
L = Low level (steady state)
1550µm (61.02 mils)
0,0
12
13
11
10
9
8
4
3
2
1
7
6
5
14
DIE ID



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com