Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4093B Datasheet(PDF) 2 Page - Silicon Supplies

Part # CD4093B
Description  CMOS High Voltage Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4093B Datasheet(HTML) 2 Page - Silicon Supplies

  CD4093B Datasheet HTML 1Page - Silicon Supplies CD4093B Datasheet HTML 2Page - Silicon Supplies CD4093B Datasheet HTML 3Page - Silicon Supplies CD4093B Datasheet HTML 4Page - Silicon Supplies CD4093B Datasheet HTML 5Page - Silicon Supplies CD4093B Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
CMOS High Voltage Logic – CD4093B
Rev 1.0
21/11/17
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
A1 
0.1135
0.3290
2
B1 
0.2005
0.1130
3
Y1 
0.5865
0.1130
4
Y2 
0.8305
0.1130
5
A2 
1.1235
0.1130
6
B2 
1.3460
0.1975
7
VSS 
1.2765
0.4280
8
A3 
1.3460
0.6910
9
B3 
1.2595
0.9070
10
Y3 
0.8735
0.9070
11
Y4 
0.6295
0.9070
12
A4 
0.3365
0.9070
13
B4 
0.1140
0.8225
14
VDD 
0.1135
0.5595
CONNECT CHIP BACK TO VDD OR FLOAT
 
Pad Layout and Functions
Logic Diagram
Truth Table
INPUTS
OUTPUT
A
B
Y
L
L
H
H
L
H
L
H
H
H
H
L
H = High level (steady state)
L = Low level (steady state)
 
1560µm (61.42 mils)
0,0
11
12
13
10
9
8
4
3
2
DIE ID
7
6
5
14
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com