Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC622-RPS Datasheet(PDF) 3 Page - DFI Inc

Part # EC622-RPS
Description  14th/13th/12th Gen Intel® CoreTM Modular-Designed Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC622-RPS Datasheet(HTML) 3 Page - DFI Inc

  EC622-RPS Datasheet HTML 1Page - DFI Inc EC622-RPS Datasheet HTML 2Page - DFI Inc EC622-RPS Datasheet HTML 3Page - DFI Inc EC622-RPS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dfi.com
SPECIFICATION
SYSTEM
Processor
14th Generation Intel® LGA 1700 Socket Processors, TDP support up to 65W
Intel® Core™ I9-14900 (24 Cores, 36M Cache, up to 2.0 GHz); 65W
Intel® Core™ I9-14900T (24 Cores, 36M Cache, up to 1.1 GHz); 35W
Intel® Core™ I7-14700 (20 Cores, 33M Cache, up to 2.1 GHz); 65W
Intel® Core™ I7-14700T (20 Cores, 33M Cache, up to 1.3 GHz); 35W
Intel® Core™ I5-14500 (14 Cores, 24M Cache, up to 2.6 GHz); 65W
Intel® Core™ I5-14500T (14 Cores, 24M Cache, up to 1.7 GHz); 35W
Intel® Core™ I5-14400 (10 Cores, 20M Cache, up to 2.5 GHz); 65W
Intel® Core™ I5-14400T (10 Cores, 20M Cache, up to 1.5 GHz); 35W
Intel® Core™ I3-14100 (4 Cores, 12M Cache, up to 3.5 GHz); 60W
Intel® Core™ I3-14100T (4 Cores, 12M Cache, up to 2.7 GHz); 35W
13th Generation Intel® LGA 1700 Socket Processors, TDP support up to 65W
Intel® Core™ I9-13900E (24 Cores, 36M Cache, up to 5.2 GHz); 65W
Intel® Core™ I9-13900TE (24 Cores, 36M Cache, up to 5.0 GHz); 35W
Intel® Core™ I7-13700E (16 Cores, 30M Cache, up to 5.1 GHz); 65W
Intel® Core™ I7-13700TE (16 Cores, 30M Cache, up to 4.8 GHz); 35W
Intel® Core™ I7-13700T (16 Cores, 30M Cache, up to 4.9 GHz); 35W
Intel® Core™ I5-13500E (14 Cores, 24M Cache, up to 4.6 GHz); 65W
Intel® Core™ I5-13500TE (14 Cores, 24M Cache, up to 4.5 GHz); 35W
Intel® Core™ I5-13500T (14 Cores, 24M Cache, up to 4.6 GHz); 35W
Intel® Core™ I5-13400E (10 Cores, 20M Cache, up to 4.6 GHz); 65W
Intel® Core™ I3-13100E (4 Cores, 12M Cache, up to 3.3 GHz); 60W
Intel® Core™ I3-13100TE (4 Cores, 12M Cache, up to 4.1 GHz); 35W
Intel® Core™ I3-13100T (4 Cores, 12M Cache, up to 4.2 GHz); 35W
12th Generation Intel® LGA 1700 Socket Processors, TDP support up to 65W
Intel® Core™ i9-12900E (16 Cores, 30M Cache, up to 5.0 GHz); 65W
Intel® Core™ i9-12900TE (16 Cores, 30M Cache, up to 4.8 GHz); 35W
Intel® Core™ i7-12700E (12 Cores, 25M Cache, up to 4.8 GHz); 65W
Intel® Core™ i7-12700TE (12 Cores, 25M Cache, up to 4.6 GHz); 35W
Intel® Core™ i5-12500E (6 Cores, 18M Cache, up to 4.5 GHz); 65W
Intel® Core™ i5-12500TE (6 Cores, 18M Cache, up to 4.3 GHz); 35W
Intel® Core™ i3-12100E (4 Cores, 12M Cache, up to 4.2 GHz); 60W
Intel® Core™ i3-12100TE (4 Cores, 12M Cache, up to 4.0 GHz); 35W
Intel® Pentium® G7400E (2 Cores, 6M Cache, 3.6 GHz); 46W
Intel® Pentium® G7400TE (2 Cores, 6M Cache, 3.0 GHz); 35W
Intel® Celeron® G6900E (2 Cores, 4M Cache, 3.0 GHz); 46W
Intel® Celeron® G6900TE (2 Cores, 4M Cache, 2.4 GHz); 35W
Chipset
Intel® R680E Chipset
Memory
2x 262-pin SODIMM up to 64GB
Dual Channel DDR5 4800MHz
BIOS
AMI SPI 256Mbit
GRAPHICS
Controller
Intel® HD Gen 9 Graphics
Feature
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG, HEVC/H265, VP8, VP9
Display
1 x VGA
1 x HDMI
1 x DP++
VGA: resolution up to 1920x1200 @ 60Hz
HDMI: resolution up to 4096x2160 @ 30Hz
DP++: resolution up to 4096x2304 @ 60Hz
STORAGE
Internal
2 x M.2 2280 M key
support RAID 0/1
EXPANSION
Interface
1 M.2 2280 M key (SATA/PCIe x4)
1 M.2 2280 M key (PCIe x4)
1 M.2 3042/3052 B key (SATA/PCIex1/USB3, w/ Nano SIM slot)
1 M.2 2230 E key (PCIe x1/ USB2.0)
1 M.2 3042 A key(for support DFI OOB module)
1 miniPCIe full size (PCIe x1/ USB2.0, w/ Nano SIM slot)
1 PCIe x16 (PCIe x16 slot)
1 PCIe x4 (PCIe x8 slot)
ETHERNET
Controller
2 x Intel® I226IT (10/100/1000/2500Mbps)
1 x Intel® I219LM (10/100/1000Mbps)
3 x Intel® I210IT (10/100/1000Mbps)
LED
Indicators
1 x Status LED
1 x HDD LED
FRONT I/O
Ethernet
2 x 2.5 GbE (RJ-45)
4 x GbE (RJ-45), optional 2 x GbE & 2 x PoE
Serial
1 x RS232/422/485 (selectable by BIOS, also support DIO selectable by jumper setting)
USB
5 x USB 3.2 (Gen2x1)
1 x USB Type-C (Alt. mode)
Display
1 x HDMI
1 x DP++
DIO
8 bit (DB-9, share with COM1)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com