Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1907 Datasheet(PDF) 9 Page - ams AG

Part # AS1907
Description  Low-Voltage Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1907 Datasheet(HTML) 9 Page - ams AG

Back Button AS1907 Datasheet HTML 2Page - ams AG AS1907 Datasheet HTML 3Page - ams AG AS1907 Datasheet HTML 4Page - ams AG AS1907 Datasheet HTML 5Page - ams AG AS1907 Datasheet HTML 6Page - ams AG AS1907 Datasheet HTML 7Page - ams AG AS1907 Datasheet HTML 8Page - ams AG AS1907 Datasheet HTML 9Page - ams AG AS1907 Datasheet HTML 10Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.austriamicrosystems.com
Revision 1.02
9 - 10
AS1907/AS1908/AS1909
Data Sheet - O r d e r i n g I n f o r m a t i o n
10 Ordering Information
The devices are available as the following standard products.
Non-standard versions require a minimum order of 30,000 units. Contact austriamicrosystems, AG for availability of
non-standard versions.
* These devices are available in factory-set VCC reset thresholds from 1.6V to 2.5V, in approximately 100mV incre-
ments. Choose the desired reset threshold suffix from (see Table 5 on page 7) and insert it instead of “yy” in the part
number.
Factory-programmed reset timeout periods are also available. Insert the code corresponding to the desired nominal
reset timeout period (see Table 7) instead of “x” in the part number. All devices available in tape-and-reel only.
Table 6. Ordering Information
Type
Marking
Reset Type
Reset
Threshold
Minimum Reset
Timeout
Delivery Form
AS1908C18-T
ASHU
Active High
1.8V
100ms
Tape and Reel
AS1908C20-T
ASHV
Active High
2.0V
100ms
Tape and Reel
AS1907C16-T
ASHP
Active Low
1.6V
100ms
Tape and Reel
AS1907C18-T
ASHQ
Active Low
1.8V
100ms
Tape and Reel
AS1907C20-T
ASHR
Active Low
2.0V
100ms
Tape and Reel
AS1907C22-T
ASNB
Active Low
2.2V
100ms
Tape and Reel
AS1907B23-T
ASHX
Active Low
2.3V
20ms
Tape and Reel
AS1909C16-T
ASHY
Open Drain
1.6V
100ms
Tape and Reel
AS1909C17-T
ASHZ
Open Drain
1.7V
100ms
Tape and Reel
AS1909C18-T
ASND
Open Drain
1.8V
100ms
Tape and Reel
AS1909C20-T
ASH1
Open Drain
2.0V
100ms
Tape and Reel
AS1909C22-T
ASNC
Open Drain
2.2V
100ms
Tape and Reel
AS1909C23-T
ASH2
Open Drain
2.3V
100ms
Tape and Reel
Table 7. Coding of Factory-Trimmed Reset Active Time-Out Period
Device
Suffix
tTP in Milliseconds
Min
Typ
Max
AS1907xyy-T*
AS1908xyy-T*
AS1909xyy-T*
A1
1.5
2
B20
30
40
C
100
150
200



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com