Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1908 Datasheet(PDF) 2 Page - ams AG

Part # AS1908
Description  Low-Voltage Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1908 Datasheet(HTML) 2 Page - ams AG

  AS1908 Datasheet HTML 1Page - ams AG AS1908 Datasheet HTML 2Page - ams AG AS1908 Datasheet HTML 3Page - ams AG AS1908 Datasheet HTML 4Page - ams AG AS1908 Datasheet HTML 5Page - ams AG AS1908 Datasheet HTML 6Page - ams AG AS1908 Datasheet HTML 7Page - ams AG AS1908 Datasheet HTML 8Page - ams AG AS1908 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.austriamicrosystems.com
Revision 1.02
2 - 10
AS1907/AS1908/AS1909
Data Sheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 2. Pin Descriptions
Pin Number
Pin Name
Description
1GND
Ground
2
RESET
Active-High Reset Output (AS1908). This pin stays high whenever VCC is
below the RESET threshold VTH (see page 7), and for tTP (see page 4) after VCC
rises above VTH.
RESETN
Active-Low Reset Output (AS1907, AS1909). This pin remains low while VCC
is below the RESET threshold VTH (see page 7), and for tTP (see page 4) after
VCC rises above VTH.
Note: This pin is open-drain on the AS1909.
3VCC
Positive Supply Voltage. Connect to +0.7 to +3.6V supply.
1
AS1908/
AS1907/
AS1909
GND
2
RESET,
RESETN
3VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com