Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1908C20-T Datasheet(PDF) 5 Page - ams AG

Part # AS1908C20-T
Description  Low-Voltage Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1908C20-T Datasheet(HTML) 5 Page - ams AG

  AS1908C20-T Datasheet HTML 1Page - ams AG AS1908C20-T Datasheet HTML 2Page - ams AG AS1908C20-T Datasheet HTML 3Page - ams AG AS1908C20-T Datasheet HTML 4Page - ams AG AS1908C20-T Datasheet HTML 5Page - ams AG AS1908C20-T Datasheet HTML 6Page - ams AG AS1908C20-T Datasheet HTML 7Page - ams AG AS1908C20-T Datasheet HTML 8Page - ams AG AS1908C20-T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.austriamicrosystems.com
Revision 1.02
5 - 10
AS1907/AS1908/AS1909
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
TAMB = +25ºC (unless otherwise specified).
Figure 3. Supply Current vs. Temperature
Figure 4. Supply Current vs. Supply Voltage
Figure 5. Normalized Reset Timeout Period vs.
Figure 6. Output Voltage Low vs. Temperature
Temperature, VTH = 2.3V
Reset Asserted
Figure 7. Max. Transient Duration vs.
Figure 8. VCC falling Propagation Delay vs.
Reset Comparator Overdrive
Temperature
0
1
2
3
4
5
6
1.4
1.8
2.2
2.6
3
3.4
3.8
Supply Voltage (V)
2
2.2
2.4
2.6
2.8
3
3.2
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCC = 2.5V
VCC = 1.8V
5
15
25
35
45
55
65
75
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCC = 1.8V
ISINK = 500µA
VCC = 2.2V
ISINK = 500µA
VCC = 0.7V
ISINK = 50µA
VCC = 1.0V
ISINK = 50µA
0.9
1
1.1
1.2
1.3
-50
-25
0
25
50
75
100
125
Temperature (°C)
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100
125
Temperature (°C)
0
100
200
300
400
500
600
700
0.1
1
10
100
1000
Reset Comparator Overdrive (mV)
Reset Occurs
Reset does
not Occur
VCC falling at 1V/ms
VCC falling at 10V/ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com